Electronic Components Datasheet Search
  English  ▼

X  

2SC5566 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # 2SC5566
Description  DC / DC Converter Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5566 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  2SC5566 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5566 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5566 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5566 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5566 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5566 Datasheet HTML 6Page - Sanyo Semicon Device 2SC5566 Datasheet HTML 7Page - Sanyo Semicon Device 2SC5566 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SA2013 / 2SC5566
No.6307-5/8
10
1.0
0.01
2
7
5
3
2
7
5
3
2
0.1
7
5
3
2
1.0
0.1
10
100
25
37
25
37
25
37
ICP=7A
100ms
10ms1ms
500
μs
IC=4A
DC
oper
ati
on
IT00168
0
2.0
1.5
1.3
1.0
0.5
20
060
40
80
100
140
120
160
IT00169
2SA2013 / 2SC5566
A S O
PC -- Ta
Ambient Temperature, Ta --
°C
Collector-to-Emitter Voltage, VCE -- V
2SA2013 / 2SC5566
Tc=25
°C
Single pulse
For PNP, the minus sign is omitted.
Mounted
on
a ceramic
board
(250mm
2
✕
0.8mm)
PC -- Tc
Case Temperature, Tc --
°C
PC -- Tc
4.0
0
3.5
3.0
2.0
1.5
1.0
0.5
2.5
20
060
40
80
100
140
120
160
IT01533
2SA2013 / 2SC5566



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com