Electronic Components Datasheet Search
  English  ▼

X  

2SC5706 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC5706
Description  High-Current Switching Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5706 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC5706 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5706 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5706 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5706 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5706 Datasheet HTML 5Page - Sanyo Semicon Device 2SC5706 Datasheet HTML 6Page - Sanyo Semicon Device 2SC5706 Datasheet HTML 7Page - Sanyo Semicon Device 2SC5706 Datasheet HTML 8Page - Sanyo Semicon Device 2SC5706 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2SA2039/2SC5706
No.6912-1/10
Applications
•
DC / DC converter, relay drivers, lamp drivers, motor drivers, flash
Features
•
Adoption of FBET and MBIT processes
•
Large current capacitance
•
Low collector-to-emitter saturation voltage
•
High-speed switching
•
High allowable power dissipation
Specifications ( ): 2SA2039
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--50)100
V
Collector-to-Emitter Voltage
VCES
(--50)100
V
Collector-to-Emitter Voltage
VCEO
(--)50
V
Emitter-to-Base Voltage
VEBO
(--)6
V
Collector Current
IC
(--)5
A
Collector Current (Pulse)
ICP
(--)7.5
A
Continued on next page.
Package Dimensions unit : mm (typ)
Package Dimensions unit : mm (typ)
7518-003
7003-003
Ordering number : EN6912D
82912 TKIM/42512EA TKIM/62405EA MSIM TB-00001404/30101 TSIM TA-3232
SANYO Semiconductors
DATA SHEET
2SA2039/2SC5706
PNP/NPN Epitaxial Planar Silicon Transistor
High-Current Switching
Applications
http://www.sanyosemi.com/en/network/
6.5
5.0
2.3
0.5
12
4
3
0.85
0.7
1.2
0.6
0.5
2.3 2.3
1 : Base
2 : Collector
3 : Emitter
4 : Collector
SANYO : TP
6.5
5.0
2.3
0.5
12
4
3
0.85
0.6
0.5
1.2
2.3 2.3
0 to 0.2
1 : Base
2 : Collector
3 : Emitter
4 : Collector
SANYO : TP-FA
2SA2039-E
2SC5706-E
2SC5706-H
2SA2039-TL-E
2SC5706-TL-E
2SC5706-TL-H
2,4
3
1
(For PNP, the polarity is reversed.)
TL
Product & Package Information
• Package : TP
• Package : TP-FA
• JEITA, JEDEC : SC-64, TO-251
• JEITA, JEDEC : SC-63, TO-252
• Minimum Packing Quantity : 500 pcs./bag
• Minimum Packing Quantity : 700 pcs./reel
Marking (TP, TP-FA)
Packing Type (TP-FA) : TL Electrical Connection
A2039
C5706
LOT No.
LOT No.


Similar Part No. - 2SC5706

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SC5706 MOSPEC-2SC5706 Datasheet
45Kb / 2P
POWER TRANSISTOR(5A,50V,15W)
logo
Sanyo Semicon Device
2SC5706 SANYO-2SC5706 Datasheet
40Kb / 5P
High Current Switching Applications
logo
Weitron Technology
2SC5706 WEITRON-2SC5706 Datasheet
190Kb / 5P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
Sanyo Semicon Device
2SC5706 SANYO-2SC5706 Datasheet
67Kb / 5P
High Current Switching Applications
logo
ON Semiconductor
2SC5706 ONSEMI-2SC5706 Datasheet
424Kb / 10P
Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
More results

Similar Description - 2SC5706

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1706 SANYO-2SA1706 Datasheet
118Kb / 4P
High-Current Switching Applications
2SB1216 SANYO-2SB1216 Datasheet
126Kb / 4P
High-Current Switching Applications
2SB1269 SANYO-2SB1269 Datasheet
99Kb / 4P
High-Current Switching Applications
2SB1509 SANYO-2SB1509 Datasheet
114Kb / 3P
High-Current Switching Applications
2SC4306 SANYO-2SC4306 Datasheet
92Kb / 3P
High-Current Switching Applications
logo
Unisonic Technologies
2SD1804 UTC-2SD1804 Datasheet
63Kb / 5P
HIGH CURRENT SWITCHING APPLICATIONS
logo
Guangdong Kexin Industr...
2SB1204 KEXIN-2SB1204 Datasheet
47Kb / 2P
High-Current Switching Applications
2SB1201 KEXIN-2SB1201 Datasheet
47Kb / 2P
High-Current Switching Applications
logo
Sanyo Semicon Device
ECH8202 SANYO-ECH8202 Datasheet
279Kb / 4P
High-Current Switching Applications
logo
Toshiba Semiconductor
2SC3303Y TOSHIBA-2SC3303Y Datasheet
173Kb / 5P
High Current Switching Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com