Electronic Components Datasheet Search
  English  ▼

X  

C5706 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # C5706
Description  High-Current Switching Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

C5706 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  C5706 Datasheet HTML 1Page - Sanyo Semicon Device C5706 Datasheet HTML 2Page - Sanyo Semicon Device C5706 Datasheet HTML 3Page - Sanyo Semicon Device C5706 Datasheet HTML 4Page - Sanyo Semicon Device C5706 Datasheet HTML 5Page - Sanyo Semicon Device C5706 Datasheet HTML 6Page - Sanyo Semicon Device C5706 Datasheet HTML 7Page - Sanyo Semicon Device C5706 Datasheet HTML 8Page - Sanyo Semicon Device C5706 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2SA2039/2SC5706
No.6912-2/10
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
Base Current
IB
(--)1.2
A
Collector Dissipation
PC
0.8
W
Tc=25°C15
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=(--)40V, IE=0A
(--)1
μA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0A
(--)1
μA
DC Current Gain
hFE
VCE=(--)2V, IC=(--)500mA
200
560
Gain-Bandwidth Product
fT
VCE=(--)10V, IC=(--)500mA
(360)400
MHz
Output Capacitance
Cob
VCB=(--)10V, f=1MHz
(24)15
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)1
IC=(--)1A, IB=(--)50mA
(--115)90
(--195)135
mV
VCE(sat)2
IC=(--)2A, IB=(--)100mA
(--255)160
(--430)240
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
VCE=(--)2V, IB=(--)100mA
(--)0.89
(--)1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=(--)10μA, IE=0A
(--50)100
V
Collector-to-Emitter Breakdown Voltage
V(BR)CES
IC=(--)100μA, RBE=0Ω
(--50)100
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=(--)1mA, RBE=∞
(--)50
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=(--)10μA, IC=0A
(--)6
V
Turn-On Time
ton
See specified Test Circuit.
(30)35
ns
Storage Time
tstg
(230)300
ns
Fall Time
tf
(15)20
ns
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
2SA2039-E
TP
500pcs./bag
Pb Free
2SC5706-E
TP
500pcs./bag
2SC5706-H
TP
500pcs./bag
Pb Free & Halogen Free
2SA2039-TL-E
TP-FA
700pcs./reel
Pb Free
2SC5706-TL-E
TP-FA
700pcs./reel
2SC5706-TL-H
TP-FA
700pcs./reel
Pb Free & Halogen Free
VR10
25Ω
VCC=25V
VBE= --5V
IC=10IB1= --10IB2=1A
+
+
50Ω
INPUT
OUTPUT
RB
100μF
470μF
PW=20μs
IB1
IB2
D.C. 1%
For PNP, the polarity is reversed.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com