Electronic Components Datasheet Search
  English  ▼

X  

2SC5277A Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5277A
Description  UHF to S-Band Low-Noise Amplifier OSC Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5277A Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5277A Datasheet HTML 1Page - Sanyo Semicon Device 2SC5277A Datasheet HTML 2Page - Sanyo Semicon Device 2SC5277A Datasheet HTML 3Page - Sanyo Semicon Device 2SC5277A Datasheet HTML 4Page - Sanyo Semicon Device 2SC5277A Datasheet HTML 5Page - Sanyo Semicon Device 2SC5277A Datasheet HTML 6Page - Sanyo Semicon Device 2SC5277A Datasheet HTML 7Page - Sanyo Semicon Device 2SC5277A Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SC5277A
No. A1075-3/8
⏐S21e⏐2 -- IC
Collector Current, IC -- mA
PC -- Ta
Ambient Temperature, Ta --
°C
Collector Current, IC -- mA
NF -- IC
⏐S21e⏐2 -- IC
Collector Current, IC -- mA
Collector Current, IC -- mA
NF -- IC
ITR08219
0
20
40
60
80
100
120
140
160
0
20
40
60
80
100
120
ITR08221
0
14
16
12
10
8
6
4
2
35
7 1.0
23
5
7
10
100
23
5
7
f=1.5GHz
ITR08220
0
14
16
12
10
8
6
4
2
35
7
1.0
23
5
7
10
100
23
5
7
f=1GHz
10
12
8
6
4
2
0
7
f=1.5GHz
23
2
2
3
57 1.0
0.1
10
53
5
ITR08217
10
12
8
6
4
2
0
7
VCE=2V
f=1GHz
23
2
2
3
5
7 1.0
0.1
10
53
5
ITR08218
Cre -- VCB
Collector-to-Base Voltage, VCB -- V
Cob -- VCB
Collector-to-Base Voltage, VCB -- V ITR08215
f=1MHz
ITR08216
f=1MHz
35
3
2
1.0
7
35
2
0.1
7
72
10
5
35
3
2
1.0
7
35
2
0.1
7
72
10
5
1.0
0.1
2
3
5
7
5
7
5
2
3
1.0
0.1
2
3
5
7
5
7
5
2
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com