Electronic Components Datasheet Search
  English  ▼

X  

2SC5501A Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # 2SC5501A
Description  VHF to UHF Wide-Band Low-Noise Amplifier Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5501A Datasheet(HTML) 5 Page - Sanyo Semicon Device

  2SC5501A Datasheet HTML 1Page - Sanyo Semicon Device 2SC5501A Datasheet HTML 2Page - Sanyo Semicon Device 2SC5501A Datasheet HTML 3Page - Sanyo Semicon Device 2SC5501A Datasheet HTML 4Page - Sanyo Semicon Device 2SC5501A Datasheet HTML 5Page - Sanyo Semicon Device 2SC5501A Datasheet HTML 6Page - Sanyo Semicon Device 2SC5501A Datasheet HTML 7Page - Sanyo Semicon Device 2SC5501A Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SC5501A
No. A1061-5/8
S Parameters (Common emitter)
VCE=5V, IC=1mA, ZO=50
Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.976
-19.2
2.316
164.1
0.032
77.8
0.987
-7.2
200
0.959
-37.0
2.392
149.7
0.061
65.3
0.948
-14.1
400
0.917
-69.6
2.007
127.7
0.103
46.0
0.888
-22.7
600
0.869
-97.2
1.894
108.5
0.122
32.3
0.817
-30.4
800
0.826
-120.3
1.743
92.9
0.128
22.0
0.747
-36.9
1000
0.806
-136.9
1.422
79.5
0.131
15.4
0.763
-40.2
1200
0.774
-152.3
1.345
68.1
0.127
9.6
0.739
-45.5
1400
0.754
-164.6
1.206
58.0
0.123
5.5
0.734
-50.3
1600
0.745
-174.8
1.056
49.4
0.111
6.4
0.747
-55.0
1800
0.720
174.6
1.005
41.1
0.101
5.3
0.793
-59.3
2000
0.714
166.3
0.812
32.7
0.093
11.4
0.775
-64.6
VCE=5V, IC=3mA, ZO=50
Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.935
-25.8
7.126
157.7
0.031
72.3
0.959
-12.4
200
0.864
-52.5
6.521
141.2
0.054
58.0
0.864
-23.1
400
0.790
-91.4
5.128
117.8
0.080
40.8
0.690
-35.7
600
0.705
-123.6
4.426
98.9
0.086
33.0
0.609
-40.1
800
0.658
-145.1
3.730
85.6
0.091
28.7
0.558
-44.2
1000
0.646
-157.6
2.953
75.4
0.095
27.1
0.521
-48.0
1200
0.628
-169.6
2.542
66.4
0.097
26.5
0.516
-51.6
1400
0.613
-179.5
2.221
57.9
0.098
29.5
0.516
-55.5
1600
0.607
172.2
1.974
51.2
0.102
32.8
0.528
-59.4
1800
0.607
164.8
1.697
43.6
0.105
33.7
0.534
-63.7
2000
0.599
157.5
1.578
36.9
0.113
36.4
0.527
-68.2
VCE=5V, IC=7mA, ZO=50
Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.844
-39.2
14.003
150.3
0.028
65.9
0.886
-22.4
200
0.748
-74.3
12.502
129.9
0.044
50.9
0.712
-35.2
400
0.637
-120.9
8.689
105.1
0.059
41.2
0.515
-45.0
600
0.586
-146.5
6.395
90.2
0.066
40.3
0.423
-48.3
800
0.569
-161.6
4.930
80.2
0.073
41.5
0.387
-50.9
1000
0.556
-172.8
3.990
71.7
0.082
42.2
0.373
-53.7
1200
0.551
178.3
3.338
64.2
0.090
44.5
0.367
-57.2
1400
0.543
170.4
2.882
57.2
0.100
45.9
0.363
-61.2
1600
0.539
163.2
2.554
51.2
0.111
46.8
0.374
-64.7
1800
0.537
156.7
2.275
44.9
0.122
46.8
0.384
-68.6
2000
0.532
150.5
2.055
38.6
0.134
46.1
0.390
-72.6
VCE=5V, IC=20mA, ZO=50
Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.668
-72.1
29.572
134.7
0.022
56.8
0.729
-36.1
200
0.572
-116.7
20.212
112.4
0.031
49.1
0.496
-48.2
400
0.527
-151.7
11.297
93.7
0.042
52.5
0.325
-52.4
600
0.514
-167.7
7.718
83.3
0.054
55.4
0.273
-53.6
800
0.511
-177.8
5.834
75.9
0.066
57.4
0.258
-55.7
1000
0.506
174.1
4.677
68.7
0.080
58.1
0.250
-58.7
1200
0.504
167.1
3.940
62.5
0.093
57.3
0.253
-62.5
1400
0.501
161.0
3.357
56.2
0.107
56.5
0.258
-66.5
1600
0.497
155.2
2.957
51.1
0.122
55.5
0.269
-70.6
1800
0.497
149.4
2.652
45.3
0.136
54.0
0.276
-74.5
2000
0.495
144.1
2.384
39.7
0.151
51.6
0.288
-78.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com