Electronic Components Datasheet Search
  English  ▼

X  

15C01C Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 15C01C
Description  Low-Frequency General-Purpose Amplifier Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

15C01C Datasheet(HTML) 1 Page - Sanyo Semicon Device

  15C01C Datasheet HTML 1Page - Sanyo Semicon Device 15C01C Datasheet HTML 2Page - Sanyo Semicon Device 15C01C Datasheet HTML 3Page - Sanyo Semicon Device 15C01C Datasheet HTML 4Page - Sanyo Semicon Device 15C01C Datasheet HTML 5Page - Sanyo Semicon Device 15C01C Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
15C01C
No.7504-1/6
Applications
•
Low-frequency Amplifier, muting circuit
Features
•
Large current capacity
•
Low collector-to-emitter saturation voltage (resistance) RCE (sat) typ.=0.58
Ω [IC=0.7A, IB=35mA]
•
Ultrasmall package facilitates miniaturization in end products
•
Small ON-resistance (Ron)
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
20
V
Collector-to-Emitter Voltage
VCEO
15
V
Emitter-to-Base Voltage
VEBO
5V
Collector Current
IC
700
mA
Collector Current (Pulse)
ICP
1.4
A
Collector Dissipation
PC
Mounted on a glass epoxy board (20×30×1.6mm)
300
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7013A-009
Ordering number : EN7504A
92612 TKIM/O3003 TSIM TA-3682
http://www.sanyosemi.com/en/network/
SANYO Semiconductors
DATA SHEET
Product & Package Information
• Package
: CP
• JEITA, JEDEC
: SC-59, TO-236, SOT-23, TO-236AB
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TB
Marking
Electrical Connection
1 : Base
2 : Emitter
3 : Collector
SANYO : CP
12
3
2.9
0.95
0.4
0.1
TB
YP
15C01C-TB-E
3
2
1
15C01C
NPN Epitaxial Planar Silicon Transistor
Low-Frequency General-Purpose
Amplifier Applications


Similar Part No. - 15C01C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
15C01C SANYO-15C01C Datasheet
32Kb / 4P
Low-Frequency General-Purpose Amplifier Applications
logo
ON Semiconductor
15C01C ONSEMI-15C01C Datasheet
308Kb / 6P
Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single CP
August, 2013
15C01C-TB-E ONSEMI-15C01C-TB-E Datasheet
308Kb / 6P
Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single CP
August, 2013
More results

Similar Description - 15C01C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EC3101C SANYO-EC3101C Datasheet
35Kb / 4P
Low-Frequency General-Purpose Amplifier Applications
12A02CH SANYO-12A02CH Datasheet
41Kb / 4P
Low-Frequency General-Purpose Amplifier Applications
08C02SS SANYO-08C02SS Datasheet
30Kb / 4P
Low-Frequency General-Purpose Amplifier Applications
12A01C SANYO-12A01C Datasheet
31Kb / 4P
Low-Frequency General-Purpose Amplifier Applications
12A01S SANYO-12A01S Datasheet
32Kb / 4P
Low-Frequency General-Purpose Amplifier Applications
12A01SS SANYO-12A01SS Datasheet
32Kb / 4P
Low-Frequency General-Purpose Amplifier Applications
12A02MH SANYO-12A02MH Datasheet
32Kb / 4P
Low-Frequency General-Purpose Amplifier Applications
50C02CH SANYO-50C02CH Datasheet
56Kb / 4P
Low-Frequency General-Purpose Amplifier Applications
logo
Unisonic Technologies
2SK303 UTC-2SK303_11 Datasheet
131Kb / 2P
LOW-FREQUENCY GENERAL-PURPOSE AMPLIFIER APPLICATIONS
logo
Sanyo Semicon Device
15C01SS SANYO-15C01SS_12 Datasheet
514Kb / 6P
Low-Frequency General-Purpose Amplifier Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com