Electronic Components Datasheet Search
  English  ▼

X  

LC898113 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC898113
Description  OIS Controller & Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC898113 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC898113 Datasheet HTML 1Page - Sanyo Semicon Device LC898113 Datasheet HTML 2Page - Sanyo Semicon Device LC898113 Datasheet HTML 3Page - Sanyo Semicon Device LC898113 Datasheet HTML 4Page - Sanyo Semicon Device LC898113 Datasheet HTML 5Page - Sanyo Semicon Device LC898113 Datasheet HTML 6Page - Sanyo Semicon Device LC898113 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LC898113
No.A2130-2/7
Features
 Serial interface
SPI (mode0, mode3)
I2C (F/S mode)
Selection with MODE0 pin
 Built in Gyro filter
 Digital Gyro Support
Built in Digital Gyro I/F for each manufacturer
 Stepping motor drive mode
1-2 phase
W1-2 phase
2W1-2 phase
4W1-2 phase
8W1-2 phase
 Stepping motor driver integrated in an MCP
Saturation driven H bridge 4ch
Built in thermal protection circuit
Built in low voltage malfunction prevention circuit
Built in transistor for photo sensor drive
Two driver power supplies (VM : for motor, VCC : for others)
 Operation Clock
Clock generated from built in oscillation amplifier
Clock input directly from CLKIN pin
Selection with MODE1 pin
Recommended drive frequency 24MHz, Permission drive frequency 15MHz to 36MHz
 Package
FLGA49 (4mm
 4mm)
Lead free
Halogen free
 Power supply voltage (Typical voltage)
Logic LSI : Pin 3.3V, Inside 1.8V (External supply required)
Driver LSI : VM 5.0V, VCC 3.3V
Electrical Characteristics
Difference between LC898113-TBM-H and LC898113RA-WH
a*) : LC898113-TBM-H
b*) : LC898113RA-WH
Absolute Maximum Ratings at
at VSS = 0V
Parameter
Symbol
Conditions
Ratings
unit
a*)
b*)
Power supply voltage
VDD18 max
Ta ≤25
C
-0.3 to 3.6
-0.3 to 2.2
V
VDD33 max
Ta ≤25
C
-0.3 to 4.6
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com