Electronic Components Datasheet Search
  English  ▼

X  

MHW913 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MHW913
Description  14 WATT 880-915 MHz RF POWER AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MHW913 Datasheet(HTML) 3 Page - Motorola, Inc

  MHW913 Datasheet HTML 1Page - Motorola, Inc MHW913 Datasheet HTML 2Page - Motorola, Inc MHW913 Datasheet HTML 3Page - Motorola, Inc MHW913 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
MHW913
MOTOROLA RF DEVICE DATA
Typical Characteristics
Figure 2. Output Power versus Input Power
Pin, INPUT POWER (dBm)
25
20
15
10
5
0
20
16
12
8
4
0
f = 880 MHz
Vbias = 4.8 Vdc
VS2 = VS3 = 12.5 Vdc
Figure 3. Output Power versus Frequency
f, Frequency (MHz)
25
20
15
10
5
0
915
910
900
885
880
Figure 4. Output Power versus Supply Voltage
VS2 = VS3, SUPPLY VOLTAGE (V)
20
18
16
14
12
8
0
16
15
13
12.5
10
Figure 5. Input Power versus Case Temperature
for Pout = 14 W
TC, CASE TEMPERATURE (°C)
60
50
40
30
20
10
0
100
70
50
30
10
–10
–30
Figure 6. Output Power versus Case
Temperature for Maximum Input Power
TC, CASE TEMPERATURE (°C)
30
25
20
15
10
5
0
100
90
50
30
10
–10
–30
18
14
10
6
2
905
895
890
14
11
60
40
20
0
–20
80
40
20
0
–20
915 MHz
VS2 = VS3 = 12.5 Vdc
Pin = 100 mW
Vbias = 4.8 Vdc
10
6
4
2
f = 880 MHz
Vbias = 4.8 Vdc
Pin set for 14 W
@ 12.5 Vdc
915 MHz
90
80
Pout = 14 W
VS2 = VS3 = 12.5 Vdc
Vbias = 4.8 Vdc
f = 880 MHz
915 MHz
Pin = 100 mW
VS2 = VS3 = 12.5 Vdc
Vbias = 4.8 Vdc
f = 880 MHz
915 MHz
70
60
902 MHz
10.8 Vdc



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com