Electronic Components Datasheet Search
  English  ▼

X  

SVC230 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SVC230
Description  Varactor Diode for FM Receiver Electronic Tuning Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SVC230 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SVC230 Datasheet HTML 1Page - Sanyo Semicon Device SVC230 Datasheet HTML 2Page - Sanyo Semicon Device SVC230 Datasheet HTML 3Page - Sanyo Semicon Device SVC230 Datasheet HTML 4Page - Sanyo Semicon Device SVC230 Datasheet HTML 5Page - Sanyo Semicon Device SVC230 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SVC230
No.7280-1/6
Features
•
Twin type varactor diode having an excellent large input characteristic, for use in FM electronic tuning applications
•
Small CP package permits SVC230 applied sets to be compact and slim
•
Possible to be shipped in tape reel packaging, which facilitates automatic insertion
•
High Q
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Reverse Voltage
VR
16
V
Junction Temperature
Tj
125
°C
Storage Temperature
Tstg
--55 to +125
°C
Package Dimensions
unit : mm (typ)
7013A-006
Ordering number : EN7280A
72512 TKIM/O1002 TSIM TA-3617
SANYO Semiconductors
DATA SHEET
SVC230
Diffused Junction Type Silicon Diode
Varactor Diode for
FM Receiver Electronic Tuning Applications
http://semicon.sanyo.com/en/network
Product & Package Information
• Package
: CP
• JEITA, JEDEC
: SC-59, TO-236, SOT-23, TO-236AB
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TB
Marking
Electrical Connection
1 : Anode
2 : Anode
3 : Cathode
SANYO : CP
12
3
2.9
0.95
0.4
0.1
TB
SVC230-TB-E
ZA
1
3
2


Similar Part No. - SVC230

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC230 SANYO-SVC230 Datasheet
20Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Applications
logo
ON Semiconductor
SVC230 ONSEMI-SVC230 Datasheet
248Kb / 6P
Monolithic dual Varactor Diode
September, 2013
logo
Sanyo Semicon Device
SVC230-TB-E SANYO-SVC230-TB-E Datasheet
349Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Applications
logo
ON Semiconductor
SVC230-TB-E ONSEMI-SVC230-TB-E Datasheet
248Kb / 6P
Monolithic dual Varactor Diode
September, 2013
logo
Sanyo Semicon Device
SVC230 SANYO-SVC230_09 Datasheet
349Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Applications
More results

Similar Description - SVC230

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC201SPA SANYO-SVC201SPA Datasheet
76Kb / 4P
Varactor Diode (IOCAP) for FM Receiver Electronic Tuning
SVC203SPA SANYO-SVC203SPA Datasheet
125Kb / 4P
Varactor Diode (IOCAP) for FM Receiver Electronic Tuning
SVC222 SANYO-SVC222 Datasheet
19Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Use
SVC226 SANYO-SVC226 Datasheet
17Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Applications
SVC230 SANYO-SVC230 Datasheet
20Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Applications
SVC236 SANYO-SVC236 Datasheet
27Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Use
SVC230 SANYO-SVC230_09 Datasheet
349Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Applications
SVC270 SANYO-SVC270_09 Datasheet
435Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Applications
SVC236 SANYO-SVC236_12 Datasheet
383Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Use
SVC270 SANYO-SVC270_12 Datasheet
435Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com