Electronic Components Datasheet Search
  English  ▼

X  

W89C982AF Datasheet(PDF) 2 Page - Winbond

Part # W89C982AF
Description  INTEGRATED MULTIPLE REPEATER II
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W89C982AF Datasheet(HTML) 2 Page - Winbond

  W89C982AF Datasheet HTML 1Page - Winbond W89C982AF Datasheet HTML 2Page - Winbond W89C982AF Datasheet HTML 3Page - Winbond W89C982AF Datasheet HTML 4Page - Winbond W89C982AF Datasheet HTML 5Page - Winbond W89C982AF Datasheet HTML 6Page - Winbond W89C982AF Datasheet HTML 7Page - Winbond W89C982AF Datasheet HTML 8Page - Winbond W89C982AF Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Preliminary W89C982AF
- 2 -
GENERAL DESCRIPTION
The Integrated Multiple Port Repeater II (IMPR II) implements the repeater functions specified by
section 9 of the IEEE 802.3 standard and twisted pair line transceiver functions conforming to the
10BASE-T standard. The IMPR II provides eight Twisted Pair (TP) Line Transceiver Ports and an
Attachment Unit Interface (AUI) port. Each Twisted Pair (TP) Line Transceiver Port can connect to an
Ethernet segment through a twisted pair line. The AUI port can connect to a thick Ethernet segment
by means of a 50-meter AUI cable. The IMPR II provides an AUI/TP port status direct report function,
which uses the ten port status pins and two select pins to indicate collisions, port link/activity,
partition, polarity, and network utilization. The inter-IMPR II interface includes signals for connecting
more than one IMPR II to increase the total number of hub ports. The manageable functions of the
repeater and twisted pair line transceiver in the IMPR II can be accessed through a serial interface.
FEATURES
• Functions conform to IEEE 802.3 section 9 specifications
• Single 5V power supply
• CMOS process for lower power dissipation
• Twisted-Pair (TP) line media interface compatible with 10 BASE-T specifications
• Differential interface compatible with AUI specifications
• Port status direct report function
• Asynchronous Inter-IMPR II interface for large hub applications
• Serial management interface allows for network management and makes port status information
accessible
• AUI and TP port carrier sense signals observable through a port activity monitor port
• Internal main state machine performs fragment extension, packet repetition, and collision handling
functions
• Internal jabber lockup protection state machine monitors the length of each input packet to prevent
transmission of excessively large packets
• Separate partition state machine for each TP port and AUI port can isolate ports when an excessive
number of collisions occur and reconnect them using certain algorithms
• On-chip PLL, Manchester encoder/decoder, and FIFO
ORDERING INFORMATION
TYPE NO.
PACKAGE
W89C982AF
100-pin QFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com