Electronic Components Datasheet Search
  English  ▼

X  

XVT9002 Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # XVT9002
Description  26 MHz VCTCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

XVT9002 Datasheet(HTML) 1 Page - RF Monolithics, Inc

  XVT9002 Datasheet HTML 1Page - RF Monolithics, Inc XVT9002 Datasheet HTML 2Page - RF Monolithics, Inc XVT9002 Datasheet HTML 3Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 3
© 2009-2012 by RF Monolithics, Inc.
XVT9002 - 2/21/12
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Nominal Frequency
Fo
26.000000
MHz
Storage Temperature
-40
+85
°C
Operating Temperature Range
-30
+75
°C
Power Supply Voltage
Vcc
2.3
2.4
2.5
V
Output Voltage with Load 10 pF ||10 K
Vout
0.8
VP-P
Output Waveform
clipped sinewave
Power Supply Current
Icc
1.2
mA
Control Voltage
Vcon
1.2±1.0
V
Control Voltage Input Impedance
100K
ohms
Frequency Tolerance, Vcontrol = 1.2 V, after Reflow
±2.5 ppm max @ 25 °C ±3 °C
Frequency Stability versus:
±2.5
ppm
Temperature, -30 to 75 °C
Supply Voltage, 2.3 to 2.5 V
±0.3
ppm
Load 10 pF||10 K
±10%
±0.2
ppm
Control Voltage Frequency Range, 1.2 ±1.0 V
±9
±15
ppm
Start Up Time, 90% of final RF level in VP-P
2.0
ms
Aging @ 25 °C
±1
ppm/year
Harmonics
-5.0
dBc
SSB Phase Noise @ 1 kHz Carrier Offset
-130 dBc/Hz maximum
Stanard Shipping Quantity on 180 mm (7”) Reel
1000
units
Lid Symbolization
9002 // YWWS
SM3225-4 Case
• Voltage Controlled Temperature Compensated Crystal Oscillator
• Excellent Frequency Stability & Low Phase Noise
• 3.2 x 2.5 x 1.3 mm Surface-Mount Case
• Complies with Directive 2002/95/EC (RoHS)
26 MHz
VCTCXO
XVT9002
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1.
The design, manufacturing process, and specifications of this device are subject to change without notice.
Pb
Preliminary


Similar Part No. - XVT9002

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
XVT9002-1 RFM-XVT9002-1 Datasheet
284Kb / 3P
26 MHz VCTCXO
More results

Similar Description - XVT9002

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS6282 MAS-MAS6282 Datasheet
106Kb / 5P
IC FOR 6.50 - 40.00 MHz VCTCXO
MAS1175 MAS-MAS1175 Datasheet
123Kb / 9P
IC FOR 10.00 - 20.00 MHz VCTCXO
MAS9270 MAS-MAS9270 Datasheet
129Kb / 9P
IC FOR 10.00 - 30.00 MHz VCTCXO
MAS9276 MAS-MAS9276 Datasheet
125Kb / 8P
IC for 10.00 - 30.00 MHz VCTCXO
MAS9279 MAS-MAS9279 Datasheet
177Kb / 10P
IC FOR 10.00 - 52.00 MHz VCTCXO
logo
RF Monolithics, Inc
XVT9001 RFM-XVT9001 Datasheet
288Kb / 3P
19.200 MHz VCTCXO
XVT9002-1 RFM-XVT9002-1 Datasheet
284Kb / 3P
26 MHz VCTCXO
logo
Micro Analog systems
MAS6279B MAS-MAS6279B Datasheet
165Kb / 9P
IC FOR 5.00 ??64.00 MHz VCTCXO
MAS6279D8 MAS-MAS6279D8 Datasheet
594Kb / 12P
IC FOR 5.00 ??64.00 MHz VCTCXO
logo
TAI-SAW TECHNOLOGY CO.,...
TX0308A TAI-SAW-TX0308A Datasheet
140Kb / 7P
VCTCXO 3.2x2.5mm 30.000 MHz
REV. NO.: 1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com