Electronic Components Datasheet Search
  English  ▼

X  

W91550DN Datasheet(PDF) 13 Page - Winbond

Part # W91550DN
Description  13-MEMORY TONE/PULSE DIALER WITH LCD AND LOCK FUNCTION
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91550DN Datasheet(HTML) 13 Page - Winbond

Back Button W91550DN Datasheet HTML 9Page - Winbond W91550DN Datasheet HTML 10Page - Winbond W91550DN Datasheet HTML 11Page - Winbond W91550DN Datasheet HTML 12Page - Winbond W91550DN Datasheet HTML 13Page - Winbond W91550DN Datasheet HTML 14Page - Winbond W91550DN Datasheet HTML 15Page - Winbond W91550DN Datasheet HTML 16Page - Winbond W91550DN Datasheet HTML 17Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
W91550DN SERIES
Publication Release Date: November 1997
- 13 -
Revision A3
DC Characteristics, continued
PARAMETER
SYM.
CONDITIONS
MIN.
TYP.
MAX.
UNIT
DTMF Output Voltage
VTO
Row group, RL = 5 K
Ω
130
150
170
mVrms
Pre-emphasis
Col/Row, VDD = 2.0
−5.5V
1
2
3
dB
DTMF Distortion
THD
RL = 5 K
Ω,
VDD = 2.0
−5.5V
-
-30
-23
dB
DTMF Output DC Level
VTDC
RL = 5 K
Ω,
VDD = 2.0
−5.5V
1.0
-
3.0
V
DTMF Output Sink Current
ITL
VTO = 0.5V
0.2
-
-
mA
DP
Output Drive Current
IPH
VPO = 2.0V
0.5
-
-
mA
DP
Output Sink Current
IPL
VPO = 0.5V
0.5
-
-
mA
Common Output Voltage
VCH
-
2.8
3.0
3.2
V
VCL
-
-
0
0.2
Common Output Current
ICH
VCOM = 3.0V,
VO = VCOM -0.4V
-20
-
-
µA
ICL
VCOM = 0.0V, VO = 0.4V
20
-
-
Segment Output Voltage
VSH
-
2.8
3.0
3.2
V
VSL
-
-
0
0.2
Segment Output Current
ISH
VSEG = 3.0V,
VO = SEG -0.4V
-5
-
-
µA
ISL
VSEG = 0.0V, VO = 0.4V
5
-
-
RMS Voltage Across
VON
-
2.0
2.12
-
Vrms
a Segment
VOFF
-
-
1.225
1.35
Average DC Offset Volatge
VDC
-
-
-
100
mV
T/P MUTE Output Sink
Current
ITML
VTPM = 0.5V
0.5
-
-
mA
HPM MUTE Output Sink
Current
IHML
VHPM = 0.5V
0.5
-
-
mA
KMUTE
Output Sink
Current
IKML
VKM = 0.5V
0.5
-
-
mA
Control Input Pull-up/Down
Resistor
RCIP
S/ M , B/M, TEST , ATS,
MODE, HFI
100
-
-
K
Ω
HKS
Input Pull-up Resistor
RHK
HKS
-
300
500
K
Ω
Keypad Input Drive Current
IKD
VI = 0V
30
-
-
µA
Keypad Input Sink Current
IKS
VI = 2.5V
200
400
-
µA
Keypad Resistance
RK
-
-
-
5.0
K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com