Electronic Components Datasheet Search
  English  ▼

X  

0301521 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0301521
Description  Bridge bar isolator - ISSBI 10-10 - 0301521
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0301521 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0301521 Datasheet HTML 1Page - PHOENIX CONTACT 0301521 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/produkte/0301521
14.05.2012   Page 1 / 2
Bridge bar isolator - ISSBI 10-10 - 0301521
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Bridge bar isolator, Number of positions: 10, Color: silver
Product description
Bridge bar isolator, Number of positions: 10, Color: silver
Key commercial data
Packing unit
1
Minimum order quantity
10
Catalog page
Page 422 (CL1-2011)
GTIN
Weight per piece (including packing)
0.0 GRM
Weight per Piece (excluding packing)
23.32 GRM
Country of origin
GERMANY
Technical data
Product type
Bridge
Classifications
eclass
eClass 4.0
27141199
eClass 4.1
27141199
eClass 5.0
27141140
eClass 5.1
27141140
eClass 6.0
27141140
etim
ETIM 2.0
EC000489
ETIM 3.0
EC000489
ETIM 4.0
EC000489
unspsc
UNSPSC 6.01
30211829


Similar Part No. - 0301521

ManufacturerPart #DatasheetDescription
logo
Wera Tools
030150 WERA-030150 Datasheet
430Kb / 3P
1569 ESD Nutdriver, 5.0 mm x 60 mm
02.08.2018
logo
PHOENIX CONTACT
0301505 PHOENIX-0301505 Datasheet
45Kb / 2P
Bridge bar isolator - ISSBI 10- 6 - 0301505
0301534 PHOENIX-0301534 Datasheet
49Kb / 2P
Bridge bar isolator - ISSBI 10- 8 - 0301534
0301547 PHOENIX-0301547 Datasheet
45Kb / 2P
Short-circuit connector - KSS 6 - 0301547
More results

Similar Description - 0301521

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BA-10G1UD BRIGHT-BA-10G1UD Datasheet
138Kb / 3P
10 BAR GRAPH ARRAY
logo
Everlight Electronics C...
ELB-1001SYGWA-S530-E2 EVERLIGHT-ELB-1001SYGWA-S530-E2 Datasheet
125Kb / 6P
10 Bar Graph Displays
ELB-1001SURWA-S530-A3 EVERLIGHT-ELB-1001SURWA-S530-A3 Datasheet
136Kb / 7P
10 Bar Graph Displays
logo
Marktech Corporate
MTB10000-UR-A MARKTECH-MTB10000-UR-A Datasheet
152Kb / 6P
10 SEGMENT LIGHT BAR
logo
Everlight Electronics C...
ELB-1001SURWB-S530-A3 EVERLIGHT-ELB-1001SURWB-S530-A3 Datasheet
137Kb / 6P
10 Bar Graph Displays
logo
PHOENIX CONTACT
0301466 PHOENIX-0301466 Datasheet
42Kb / 1P
Bridge bar isolator - ISSB 10- 6 - 0301466
0301505 PHOENIX-0301505 Datasheet
45Kb / 2P
Bridge bar isolator - ISSBI 10- 6 - 0301505
0301534 PHOENIX-0301534 Datasheet
49Kb / 2P
Bridge bar isolator - ISSBI 10- 8 - 0301534
logo
LUMEX INC.
SSA-LXB10IGW-GF LUMEX-SSA-LXB10IGW-GF Datasheet
48Kb / 1P
10 Segment Bar Graph
logo
PHOENIX CONTACT
3026256 PHOENIX-3026256 Datasheet
43Kb / 2P
Jumper - ISSBI 10- 5
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com