Electronic Components Datasheet Search
  English  ▼

X  

W91565DNF Datasheet(PDF) 4 Page - Winbond

Part # W91565DNF
Description  3-MEMORY TONE/PULSE DIALER WITH RTC AND LCD DISPALY FUNCTIONS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91565DNF Datasheet(HTML) 4 Page - Winbond

  W91565DNF Datasheet HTML 1Page - Winbond W91565DNF Datasheet HTML 2Page - Winbond W91565DNF Datasheet HTML 3Page - Winbond W91565DNF Datasheet HTML 4Page - Winbond W91565DNF Datasheet HTML 5Page - Winbond W91565DNF Datasheet HTML 6Page - Winbond W91565DNF Datasheet HTML 7Page - Winbond W91565DNF Datasheet HTML 8Page - Winbond W91565DNF Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Preliminary W91560DN SERIES
- 4 -
Pin Description, continued
SYM.
PIN NO.
I/O
FUNCTION
MODE
12
I
Pulling the mode pin to VSS places the dialer in tone mode.
Pulling the mode pin to VDD places the dialer in pulse mode (10
ppS, M/B = 2:3).
Floating the mode pin places the dialer in pulse mode (10 ppS, M/B
= 1:2).
HFI
,
HFO
25, 10
I, O
Handfree control pins. A low pulse on the HFI input pin toggles
the handfree control state.
Status of the handfree control is listed in the following table:
CURRENT STATE
Input
HFO
Dialing
High
Yes
On Hook
High
Low
No
Off Hook
High
Low
Yes
On Hook
Off Hook
Low
Yes
Off Hook
Low
On Hook
Low
No
Off Hook
High
On Hook
High
Yes
Low
Hook SW.
HFO
NEXT STATE
HFI
HFI
HFI
HFI
pin is pulled to VDD by internal resistor.
Detailed timing diagrams are shown in Figure 4(a), 4(b).
DP
/ C6
11
O
This pin is a CMOS N-channel open drain output. The flash key will
cause DP to go active in either pulse mode or tone mode. In lock
mode, the DP keeps low for 300 mS during off-hook delay time.
The timing diagram is shown as Figure 1(a), 1(b), 1(c), 1(d).
DTMF
6
O
In pulse mode, this pin remains in low state at all times.
In tone mode, it will output a dual or single tone. The detailed
timing
diagram for tone mode is shown in Figure 2(a), 2(b), 2(c), 2(d).
Specified
Actual
Error %
Output Frequency
+0.28
R1
R2
R3
R4
C1
C2
C3
697
770
852
941
1209
1336
1477
699
766
848
948
1216
1332
1472
-0.52
-0.47
+0.74
+0.57
-0.30
-0.34
VLCD
29
O
Power supply pin for LCD driver.
A 0.1
µF capacitor is connected between VLCD and VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com