Electronic Components Datasheet Search
  English  ▼

X  

5LP01SS Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 5LP01SS
Description  General-Purpose Switching Device Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

5LP01SS Datasheet(HTML) 1 Page - Sanyo Semicon Device

  5LP01SS Datasheet HTML 1Page - Sanyo Semicon Device 5LP01SS Datasheet HTML 2Page - Sanyo Semicon Device 5LP01SS Datasheet HTML 3Page - Sanyo Semicon Device 5LP01SS Datasheet HTML 4Page - Sanyo Semicon Device 5LP01SS Datasheet HTML 5Page - Sanyo Semicon Device 5LP01SS Datasheet HTML 6Page - Sanyo Semicon Device 5LP01SS Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
5LP01SS
No.6622-1/7
Features
•
Low ON-resistance
•
Ultrahigh-speed switching
•
2.5V drive
•
Halogen free compliance
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
--50
V
Gate-to-Source Voltage
VGSS
±10
V
Drain Current (DC)
ID
--0.07
A
Drain Current (Pulse)
IDP
PW≤10μs, duty cycle≤1%
--0.28
A
Allowable Power Dissipation
PD
0.15
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
This product is designed to “ESD immunity < 200V
*”, so please take care when handling.
* Machine Model
Package Dimensions
unit : mm (typ)
7029A-003
Ordering number : EN6622B
O0312 TKIM/71206/42006PE MSIM TB-00002118/91400 TSIM TA-2042
5LP01SS
P-Channel Silicon MOSFET
General-Purpose Switching Device
Applications
http://www.sanyosemi.com/en/network/
Product & Package Information
• Package
: SSFP
• JEITA, JEDEC
: SC-81
• Minimum Packing Quantity : 8,000 pcs./reel
Packing Type: TL
Marking
Electrical Connection
SANYO Semiconductors
DATA SHEET
XB
1
2
3
TL
1 : Gate
2 : Source
3 : Drain
SANYO : SSFP
1
3
12
2
3
1.4
0 to 0.02
0.25
0.2
0.45
0.1
5LP01SS-TL-E
5LP01SS-TL-H


Similar Part No. - 5LP01SS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
5LP01SS ONSEMI-5LP01SS Datasheet
283Kb / 6P
P-Channel Small Signal MOSFET
July, 2013
5LP01SS-TL-E ONSEMI-5LP01SS-TL-E Datasheet
283Kb / 6P
P-Channel Small Signal MOSFET
July, 2013
5LP01SS-TL-H ONSEMI-5LP01SS-TL-H Datasheet
283Kb / 6P
P-Channel Small Signal MOSFET
July, 2013
More results

Similar Description - 5LP01SS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
General-Purpose Switching Device Applications
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
General-Purpose Switching Device Applications
VEC2822 SANYO-VEC2822 Datasheet
78Kb / 6P
General-Purpose Switching Device Applications
2SK4198FS SANYO-2SK4198FS Datasheet
273Kb / 5P
General-Purpose Switching Device Applications
2SK4227JS SANYO-2SK4227JS Datasheet
275Kb / 5P
General-Purpose Switching Device Applications
ATP213 SANYO-ATP213 Datasheet
262Kb / 4P
General-Purpose Switching Device Applications
BXL4001 SANYO-BXL4001 Datasheet
281Kb / 5P
General-Purpose Switching Device Applications
ECH8320 SANYO-ECH8320 Datasheet
280Kb / 4P
General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com