Electronic Components Datasheet Search
  English  ▼

X  

W91621 Datasheet(PDF) 2 Page - Winbond

Part # W91621
Description  10-MEMORY TONE/PULSE DIALER WITH TWO-STAGE REDIAL FUNCTION
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91621 Datasheet(HTML) 2 Page - Winbond

  W91621 Datasheet HTML 1Page - Winbond W91621 Datasheet HTML 2Page - Winbond W91621 Datasheet HTML 3Page - Winbond W91621 Datasheet HTML 4Page - Winbond W91621 Datasheet HTML 5Page - Winbond W91621 Datasheet HTML 6Page - Winbond W91621 Datasheet HTML 7Page - Winbond W91621 Datasheet HTML 8Page - Winbond W91621 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
W91620 SERIES
- 2 -
PIN CONFIGURATION
1
18
R4
C1
C2
C3
C4
V
2
3
4
5
6
13
14
15
16
17
R1
R2
R3
MODE
V
7
8
9
10
11
12
DTMF
DP/C5
HKS
XT
XT
T/P MUTE
P MUTE
DD
SS
PIN DESCRIPTION
SYMBOL
PIN NO.
I/O
FUNCTION
Column-
Row Inputs
1
−4
&
15
−18
I
Keyboard inputs are designed for use with either a standard 4
× 5
keyboard or an inexpensive single contact (Form A) keyboard.
Electronic input from a
µC can also be used.
Valid key entry is defined by a connection between a single row and
a single column.
XT, XT
7, 8
I, O
A built-in inverter provides oscillation with an inexpensive
3.579545 MHz crystal or ceramic resonator.
T/P MUTE
9
O
The T/P MUTE is a conventional CMOS inverter output. It is low
during pulse and tone mode dialing sequence and flash break;
otherwise, it remains high.
MODE
13
I
Mode pin.
Pull to VSS: Tone mode
Pull to VDD or leave floating: Pulse mode (10 ppS, M/B = 2:3 or 1:2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com