Electronic Components Datasheet Search
  English  ▼

X  

ECH8652 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # ECH8652
Description  General-Purpose Switching Device Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ECH8652 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  ECH8652 Datasheet HTML 1Page - Sanyo Semicon Device ECH8652 Datasheet HTML 2Page - Sanyo Semicon Device ECH8652 Datasheet HTML 3Page - Sanyo Semicon Device ECH8652 Datasheet HTML 4Page - Sanyo Semicon Device ECH8652 Datasheet HTML 5Page - Sanyo Semicon Device ECH8652 Datasheet HTML 6Page - Sanyo Semicon Device ECH8652 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ECH8652
No. A0935-3/7
Gate-to-Source Voltage, VGS -- V
RDS(on) -- VGS
Ambient Temperature, Ta --
°C
RDS(on) -- Ta
Drain Current, ID -- A
SW Time -- ID
Ciss, Coss, Crss -- VDS
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
IS -- VSD
Drain-to-Source Voltage, VDS -- V
Drain-to-Source Voltage, VDS -- V
ID -- VDS
Gate-to-Source Voltage, VGS -- V
ID -- VGS
100
2
2
5
3
3
1000
7
7
2
10
2
100
7
5
3
1000
7
5
3
0
IT12949
0
--2
--4
--1
--3
--5
--6
0
0
IT12947
IT12948
--0.2
--0.1
--0.4
--0.6
--0.8
--0.3
--0.5
--0.7
--0.9
--1.0
0
--0.5
--1.0
--1.5
--2.0
--2.5
0
--0.4
--0.2
--0.6
--0.8
--1.0
--1.2
--1
--4
--7
--2
--5
--8
--3
--6
--9
--10
--2
--6
--4
--8
0
10
20
30
40
60
50
80
70
90
100
VDS= --6V
VGS=
--1.5V
Ta=25
°C
IT12950
--60
--40
--20
0
20
40
80
120
60
100
140
160
0
20
10
40
60
30
50
70
80
--0.1
--0.01
23
5 7
2
--1.0
35 7
2
IT12953
IT12951
IT12952
0
--4
--8
--2
--6
--10
--12
0.001
--0.01
7
5
3
2
2
--0.1
7
5
3
2
IT12954
0.01
2
2
0.1
7
5
3
2
5
3
2
1.0
7
5
3
--0.01 2
--0.001
57
23
--0.1
2
57
3
--1.0
2
57
3
--10
57
3
Ta=
--25
°C
75
°C
25
°C
VDS= --6V
VGS=0V
VDD= --6V
VGS= --4.5V
td(off)
td(on)
tr
tf
Ciss
Coss
Crss
f=1MHz
--10
23
5 7
VGS
= --1.8V
, ID=
--0.5A
ID= --0.5A
--3.0A
--1.5A
VGS
= --2.5V
, ID=
--1.5A
VGS=
--4.5V
, ID= -
-3.0A
10
7
5
3
--1.0
7
5
3
2
--10
7
5
3
| yfs | -- I
D



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com