Electronic Components Datasheet Search
  English  ▼

X  

ECH8653 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # ECH8653
Description  General-Purpose Switching Device Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ECH8653 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  ECH8653 Datasheet HTML 1Page - Sanyo Semicon Device ECH8653 Datasheet HTML 2Page - Sanyo Semicon Device ECH8653 Datasheet HTML 3Page - Sanyo Semicon Device ECH8653 Datasheet HTML 4Page - Sanyo Semicon Device ECH8653 Datasheet HTML 5Page - Sanyo Semicon Device ECH8653 Datasheet HTML 6Page - Sanyo Semicon Device ECH8653 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ECH8653
No. A0851-4/7
0
2
4
6
8
10
12
14
16
18
20
0
1
2
3
4
5
6
7
8
IT12479
IT12480
IT12481
VDS=10V
ID=7.5A
2
2
3
5
7
0.1
2
3
5
7
1.0
0
0
20
40
0.4
60
80
100
120
140
160
1.0
1.4
1.5
1.8
0.2
0.8
0.6
1.2
1.6
0.01
0.01
0.1
57
23
2
1.0
57
32
10
57
32 3
5
Operation in this
area is limited by RDS(on).
PW≤10
μs
100
μs
100ms
DC
operation
(T
a=25
°C)
10ms
1ms
2
3
5
3
7
5
7
10
IDP=40A
ID=7.5A
1unit
A S O
Drain-to-Source Voltage, VDS -- V
Ambient Temperature, Ta --
°C
PD -- Ta
Ta=25
°C
Single pulse
Mounted on a ceramic board (900mm2
×0.8mm) 1unit
Mounted on a ceramic board (900mm2
×0.8mm)
Total
Dissipation
Total Gate Charge, Qg -- nC
VGS -- Qg



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com