Electronic Components Datasheet Search
  English  ▼

X  

W91590CL Datasheet(PDF) 4 Page - Winbond

Part # W91590CL
Description  24-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE, HOLD AND LOCK FUNCTIONS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W91590CL Datasheet(HTML) 4 Page - Winbond

  W91590CL Datasheet HTML 1Page - Winbond W91590CL Datasheet HTML 2Page - Winbond W91590CL Datasheet HTML 3Page - Winbond W91590CL Datasheet HTML 4Page - Winbond W91590CL Datasheet HTML 5Page - Winbond W91590CL Datasheet HTML 6Page - Winbond W91590CL Datasheet HTML 7Page - Winbond W91590CL Datasheet HTML 8Page - Winbond W91590CL Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
W91590 SERIES
- 4 -
Pin Description, continued
SYMBOL
22-PIN
24-PIN
28-PIN
I/O
FUNCTION
LOCK
17
(For
W91590L)
19
(For
W91590AL)
22
(For
W91590BL/CL)
I
The function of this pin is as follows:
LOCK PIN
FUNCTION
VDD
Floating
VSS
"0","9" dialing inhibited
Normal dialing
"0" dialing inhibited
DTMF
14
16
18
O In pulse mode, remains in low state at all
times. In tone mode, outputs a dual or single
tone. Detailed timing diagram for tone mode
is shown in Figure 2.
OUTPUT FREQUENCY
Specified
Actual
Error%
R2
R3
R4
C1
C2
C3
697
770
852
941
1209
1336
1477
699
766
848
948
1216
1332
1472
+0.28
-0.52
-0.47
+0.74
+0.57
-0.30
-0.34
R1
VDD, VSS
16, 8
18, 8
20, 10
I
Power input pins.
HFI, HFO
-
12, 13
14, 15
I, O Handfree control pins. A low pulse on the
HFI input pin toggles the handfree control
state. Status of the handfree control state is
listed in the following table:
CURRENT STATE
Hook SW.
-
On Hook
Off Hook
On Hook
Off Hook
Off Hook
HFO
Low
High
Low
High
High
-
Input
Off Hook
On Hook
On Hook
HFO
High
Low
High
Dialing
Yes
No
Yes
Yes
Yes
No
NEXT STATE
HFI
HFI
HFI
Low
Low
Low
HFI pin is pulled to VDD by internal resistor.
The detailed timing is shown in Fig 3.
KT
-
-
9
O Key tone signal output. A key tone will be
generated whenever a valid keys is pressed.
Frequency is 600 Hz and duration is 35 mS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com