Electronic Components Datasheet Search
  English  ▼

X  

SR8150 Datasheet(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # SR8150
Description  SCHOTTKY BARRIER RECTIFLER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

SR8150 Datasheet(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  SR8150 Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. SR8150 Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
XINGHE ELECTRONICS
星合电子
GAOMI XINGHE ELECTRONICSCO.,LTD.    WWW.SDDZG.COM     TEL:0536-2210359       QQ:464768017
1


Similar Part No. - SR8150

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SR8150 MIC-SR8150 Datasheet
44Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SR8150 FORMOSA-SR8150 Datasheet
129Kb / 6P
8.0A Axial Leaded Schottky Barrier Rectifiers - 20V-150V
logo
Goodwork Semiconductor ...
SR8150 GWSEMI-SR8150 Datasheet
70Kb / 2P
8.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Yixinwei Techn...
SR8150 YIXIN-SR8150 Datasheet
216Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Nantong Hornby Electron...
SR8150 HORNBY-SR8150 Datasheet
294Kb / 3P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR8150

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
1N5817 GXELECTRONICS-1N5817 Datasheet
325Kb / 2P
SCHOTTKY BARRIER RECTIFLER
1N5820 GXELECTRONICS-1N5820 Datasheet
323Kb / 2P
SCHOTTKY BARRIER RECTIFLER
10SQ050 GXELECTRONICS-10SQ050 Datasheet
453Kb / 2P
SCHOTTKY BARRIER RECTIFLER
12SQ045 GXELECTRONICS-12SQ045 Datasheet
396Kb / 2P
SCHOTTKY BARRIER RECTIFLER
SR220 GXELECTRONICS-SR220 Datasheet
321Kb / 2P
SCHOTTKY BARRIER RECTIFLER
SR320 GXELECTRONICS-SR320 Datasheet
324Kb / 2P
SCHOTTKY BARRIER RECTIFLER
SR1020 GXELECTRONICS-SR1020 Datasheet
343Kb / 2P
SCHOTTKY BARRIER RECTIFLER
SR1535 GXELECTRONICS-SR1535 Datasheet
350Kb / 2P
SCHOTTKY BARRIER RECTIFLER
SS32 GXELECTRONICS-SS32 Datasheet
330Kb / 2P
SCHOTTKY BARRIER RECTIFLER
SS52 GXELECTRONICS-SS52 Datasheet
360Kb / 2P
SCHOTTKY BARRIER RECTIFLER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com