Electronic Components Datasheet Search
  English  ▼

X  

MCH6321 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # MCH6321
Description  General-Purpose Switching Device Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH6321 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  MCH6321 Datasheet HTML 1Page - Sanyo Semicon Device MCH6321 Datasheet HTML 2Page - Sanyo Semicon Device MCH6321 Datasheet HTML 3Page - Sanyo Semicon Device MCH6321 Datasheet HTML 4Page - Sanyo Semicon Device MCH6321 Datasheet HTML 5Page - Sanyo Semicon Device MCH6321 Datasheet HTML 6Page - Sanyo Semicon Device MCH6321 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MCH6321
No. A0963-2/7
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=--1mA, VGS=0V
--20
V
Zero-Gate Voltage Drain Current
IDSS
VDS=--20V, VGS=0V
--1
μA
Gate-to-Source Leakage Current
IGSS
VGS=±8V, VDS=0V
±10
μA
Cutoff Voltage
VGS(off)
VDS=--10V, ID=--1mA
--0.4
--1.3
V
Forward Transfer Admittance
| yfs |
VDS=--10V, ID=--2A
2.5
4.3
S
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=--2A, VGS=--4.5V
63
83
mΩ
RDS(on)2
ID=--1A, VGS=--2.5V
88
125
mΩ
RDS(on)3
ID=--0.2A, VGS=--1.8V
130
200
mΩ
Input Capacitance
Ciss
VDS=--10V, f=1MHz
375
pF
Output Capacitance
Coss
77
pF
Reverse Transfer Capacitance
Crss
58
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
8.1
ns
Rise Time
tr
31
ns
Turn-OFF Delay Time
td(off)
40
ns
Fall Time
tf
39
ns
Total Gate Charge
Qg
VDS=--10V, VGS=--4.5V, ID=--4A
4.6
nC
Gate-to-Source Charge
Qgs
0.8
nC
Gate-to-Drain “Miller” Charge
Qgd
1.3
nC
Diode Forward Voltage
VSD
IS=--4A, VGS=0V
--0.86
--1.2
V
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
MCH6321-TL-E
MCPH6
3,000pcs./reel
Pb Free
PW=10μs
D.C.≤1%
P.G
50Ω
G
S
D
ID= --2A
RL=5Ω
VDD= --10V
VOUT
MCH6321
VIN
0V
--4V
VIN



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com