Electronic Components Datasheet Search
  English  ▼

X  

BAS16X Datasheet(PDF) 1 Page - WILLAS ELECTRONIC CORP

Part # BAS16X
Description  SOD-523 Plastic-Encapsulate Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

BAS16X Datasheet(HTML) 1 Page - WILLAS ELECTRONIC CORP

  BAS16X Datasheet HTML 1Page - WILLAS ELECTRONIC CORP BAS16X Datasheet HTML 2Page - WILLAS ELECTRONIC CORP BAS16X Datasheet HTML 3Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Swithching Diode
FEATURES
High-Speed Switching Applications
Lead Finish: 100% Matte Sn ( Tin )
Qualified Reflow Temperature: 260
℃
Extremely Small SOD-523 Package
MARKING: A6
Maximum Ratings and Electrical Characteristics, Single Diode @Ta=25
℃
Parameter
Symbol
Limit
Unit
DC Reverse Voltage
VR
75
V
Forward Current
IF
200
mA
Pak Forward Surge Current
IFM(surge)
500
mA
Total Device Dissipation
PD
150
mW
Thermal Resistance Junction to Ambient
RθJA
833
℃/W
Junction and Storage Temperature
Tj ,Tstg
150
℃
Electrical Ratings @Ta=25
℃
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Reverse breakdown voltage
V(BR)
75
IR=100uA
VF1
715
IF=1mA
VF2
855
IF=10mA
VF3
1000
IF=50mA
Forward voltage
VF4
1250
mV
IF=150mA
Reverse recovery Time
trr
6.0
ns
IF=IR=10mAdc,RL=50Ω
Reverse current
IR
1.0
μA
VR=75V
Forward recovery voltage
VFR
1.75
V
IF=10mA, tr= 20ns
Diode capacitance
CD
2.0
pF
VR=0V,f=1MHZ
Stored charge
QS
45
pC
IF=10mA, VR=5.0V ,RL=500Ω
SOD-523
2012-1
WILLAS ELECTRONIC CORP.
SOD-523 Plastic-Encapsulate Diodes
BAS16X
Pb-Free package is available
RoHS product for packing code suffix ”G”
Halogen free product for packing code suffix “H”
Features
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Low power loss, high efficiency.
High current capability, low forward voltage drop.
High surge capability.
Guardring for overvoltage protection.
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
•
•
•
•
•
•
•
•
Package outline
Mechanical data
Epoxy : UL94-V0 rated flame retardant
• Case : Molded plastic, SOD-123H
• Terminals :Plated terminals, solderable per MIL-STD-750
,
Method 2026
• Polarity : Indicated by cathode band
• Mounting Position : Any
• Weight : Approximated 0.011 gram
•
0.146(3.7)
0.130(3.3)
0.012(0.3) Typ.
0.071(1.8)
0.056(1.4)
0.040(1.0)
0.024(0.6)
0.031(0.8) Typ.
0.031(0.8) Typ.
Dimensions in inches and (millimeters)
SOD-123H
Pb Free Product
1.0A SURFACE MOUNT SCHOTTKY
SOD-123
PACKAGE
WILLAS
BARRIER RECTIFIERS -20V- 200V
FM120-M
THRU
FM1200-M
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
WILLAS ELECTRONIC CORP.
201
2-06
 
RATINGS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Marking Code
12
13
14
15
16
18
10
115
120
Maximum Recurrent Peak Reverse Voltage
VRRM
Maximum RMS Voltage
VRMS
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
150
200
14
21
28
35
42
56
70
105
140
20
30
40
50
60
80
100
150
200
Volts
Volts
Volts
Maximum Average Forward Rectified Current
 
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IO
 
IFSM
1.0
 
30
Amps
 
Amps
Typical Thermal Resistance (Note 2)
RΘJA
Typical Junction Capacitance (Note 1)
CJ
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
 
 
-55 to +125
40
120
 
- 65 to +175
 
 
-55 to +150
℃/W
PF
℃
℃
 
CHARACTERISTICS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Maximum Forward Voltage at 1.0A DC
VF
0.50
0.70
0.85
0.9
0.92
Volts
@TA=25℃
0.5
Maximum Average Reverse Current at
Rated DC Blocking Voltage
@TA=125℃
IR
10
 
mAmps
 
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Thermal Resistance From Junction to Ambient
 
 
RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"
•
•
Moisture Sensitivity Level 1
Polarity: Color band denotes cathode end


Similar Part No. - BAS16X

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BAS16X JIANGSU-BAS16X Datasheet
141Kb / 2P
Swithching Diode
logo
Galaxy Semi-Conductor H...
BAS16X BILIN-BAS16X Datasheet
196Kb / 3P
High speed Switching Diode
logo
Micro Commercial Compon...
BAS16X MCC-BAS16X Datasheet
235Kb / 3P
150mW 75Volt Switching Diode
logo
Shenzhen Luguang Electr...
BAS16X LUGUANG-BAS16X Datasheet
278Kb / 2P
High Speed Switching Diodes
logo
SHENZHEN YONGERJIA INDU...
BAS16X WINNERJOIN-BAS16X Datasheet
244Kb / 2P
Swithching Diode
More results

Similar Description - BAS16X

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SCS520S WILLAS-SCS520S Datasheet
482Kb / 3P
SOD-523 Plastic-Encapsulate Diodes
SCS520S-40 WILLAS-SCS520S-40 Datasheet
418Kb / 3P
SOD-523 Plastic-Encapsulate Diodes
logo
Nanjing International G...
RB520S-40 DGNJDZ-RB520S-40 Datasheet
549Kb / 2P
SOD-523 Plastic-Encapsulate Diodes
logo
Jiangsu High diode Semi...
RB521S-30 HDSEMI-RB521S-30 Datasheet
1Mb / 4P
SOD-523 Plastic-Encapsulate Diodes
logo
SHIKUES Electronics
RB520S-40 SKTECHNOLGY-RB520S-40 Datasheet
680Kb / 3P
SOD-523 Plastic-Encapsulate Diodes
logo
Nanjing International G...
1SS389 DGNJDZ-1SS389 Datasheet
1Mb / 4P
SOD-523 Plastic-Encapsulate Diodes
1SS400 DGNJDZ-1SS400_V01 Datasheet
1Mb / 4P
SOD-523 Plastic-Encapsulate Diodes
RB751S-40 DGNJDZ-RB751S-40_V01 Datasheet
810Kb / 4P
SOD-523 Plastic-Encapsulate Diodes
logo
UN Semiconducctor INC
BAT43WT UNSEMI-BAT43WT Datasheet
2Mb / 4P
SOD-523 Plastic-Encapsulate Diodes
Revision March 1,2022
RB520S-30 UNSEMI-RB520S-30 Datasheet
2Mb / 4P
SOD-523 Plastic-Encapsulate Diodes
Revision March 1,2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com