Electronic Components Datasheet Search
  English  ▼

X  

BAS19W Datasheet(PDF) 1 Page - WILLAS ELECTRONIC CORP

Part # BAS19W
Description  SOT-323 Plastic-Encapsulate Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

BAS19W Datasheet(HTML) 1 Page - WILLAS ELECTRONIC CORP

  BAS19W Datasheet HTML 1Page - WILLAS ELECTRONIC CORP BAS19W Datasheet HTML 2Page - WILLAS ELECTRONIC CORP BAS19W Datasheet HTML 3Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SWITCHING DIODE
FEATURES
Fast Switching Speed
Surface Mount Package Ideally Suited for Automatic Insertion
For General Purpose Switching Applications
High Conductance
Marking: BAS19W
KA8
BAS20W
KT2
BAS21W
KT3
Maximum Ratings @Ta=25
℃
Parameter
Symbol
BAS19W
BAS20W
BAS21W
Unit
Peak Repetitive Reverse Voltage
DC Blocking Voltage
VRRM
VR
100
150
250
V
Average Rectified Output Current
IO
200
mA
Power Dissipation
Pd
200
mW
Thermal Resistance. Junction to Ambient
R
θJA
625
℃/W
Junction Temperature
TJ
150
℃
Storage Temperature Range
TSTG
-55~+150
℃
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Max
Unit
Reverse breakdown voltage
BAS19W
BAS20W
BAS21W
V(BR)
IR= 100µA
100
150
250
V
BAS19W
Reverse voltage leakage current
BAS20W
BAS21W
IR
VR=100V
VR=150V
VR=200V
0.1
µA
Forward voltage
VF
IF=100mA
IF=200mA
1
1.25
V
Diode capacitance
CD
VR=0V, f=1MHz
5
pF
Reveres recovery time
trr
IF=IR=30mA,Irr=0.1×IR
50
ns
SOT-323
1
2
3
2012-1
WILLAS ELECTRONIC CORP.
BAS19W
BAS20W
BAS21W
SOT-323 Plastic-Encapsulate Diodes
Pb-Free package is available
RoHS product for packing code suffix ”G”
Halogen free product for packing code suffix “H”
Moisture Sensitivity Level 1
Features
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Low power loss, high efficiency.
High current capability, low forward voltage drop.
High surge capability.
Guardring for overvoltage protection.
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
•
•
•
•
•
•
•
•
Package outline
Mechanical data
Epoxy : UL94-V0 rated flame retardant
• Case : Molded plastic, SOD-123H
• Terminals :Plated terminals, solderable per MIL-STD-750
,
Method 2026
• Polarity : Indicated by cathode band
• Mounting Position : Any
• Weight : Approximated 0.011 gram
•
0.146(3.7)
0.130(3.3)
0.012(0.3) Typ.
0.071(1.8)
0.056(1.4)
0.040(1.0)
0.024(0.6)
0.031(0.8) Typ.
0.031(0.8) Typ.
Dimensions in inches and (millimeters)
SOD-123H
Pb Free Product
1.0A SURFACE MOUNT SCHOTTKY
SOD-123
PACKAGE
WILLAS
BARRIER RECTIFIERS -20V- 200V
FM120-M
THRU
FM1200-M
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
WILLAS ELECTRONIC CORP.
201
2-06
 
RATINGS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Marking Code
12
13
14
15
16
18
10
115
120
Maximum Recurrent Peak Reverse Voltage
VRRM
Maximum RMS Voltage
VRMS
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
150
200
14
21
28
35
42
56
70
105
140
20
30
40
50
60
80
100
150
200
Volts
Volts
Volts
Maximum Average Forward Rectified Current
 
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IO
 
IFSM
1.0
 
30
Amps
 
Amps
Typical Thermal Resistance (Note 2)
RΘJA
Typical Junction Capacitance (Note 1)
CJ
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
 
 
-55 to +125
40
120
 
- 65 to +175
 
 
-55 to +150
℃/W
PF
℃
℃
 
CHARACTERISTICS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Maximum Forward Voltage at 1.0A DC
VF
0.50
0.70
0.85
0.9
0.92
Volts
@TA=25℃
0.5
Maximum Average Reverse Current at
Rated DC Blocking Voltage
@TA=125℃
IR
10
 
mAmps
 
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Thermal Resistance From Junction to Ambient
 
 
RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"
•
•


Similar Part No. - BAS19W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS19W PANJIT-BAS19W Datasheet
110Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAS19W WTE-BAS19W Datasheet
45Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
logo
Comchip Technology
BAS19W COMCHIP-BAS19W Datasheet
79Kb / 2P
Surface Mount Switching Diode
More results

Similar Description - BAS19W

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
BAS16W WILLAS-BAS16W Datasheet
351Kb / 2P
SOT-323 Plastic-Encapsulate Diodes
BAV99W WILLAS-BAV99W Datasheet
330Kb / 2P
SOT-323 Plastic-Encapsulate Diodes
BAW56W WILLAS-BAW56W Datasheet
351Kb / 2P
SOT-323 Plastic-Encapsulate Diodes
DAN202U WILLAS-DAN202U Datasheet
382Kb / 3P
SOT-323 Plastic-Encapsulate Diodes
MMBD2004SW WILLAS-MMBD2004SW Datasheet
461Kb / 3P
SOT-323 Plastic-Encapsulate Diodes
MMBD4448W WILLAS-MMBD4448W Datasheet
136Kb / 3P
SOT-323 Plastic-Encapsulate Diodes
logo
Kwang Myoung I.S. CO.,L...
BAS40W KISEMICONDUCTOR-BAS40W Datasheet
142Kb / 2P
SOT-323 Plastic-Encapsulate Diodes
logo
Jiangsu High diode Semi...
BAS70W HDSEMI-BAS70W Datasheet
2Mb / 4P
SOT-323 Plastic-Encapsulate Diodes
logo
Nanjing International G...
BAW56W DGNJDZ-BAW56W Datasheet
1Mb / 4P
SOT-323 Plastic-Encapsulate Diodes
DAN202U DGNJDZ-DAN202U Datasheet
1Mb / 4P
SOT-323 Plastic-Encapsulate Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com