Electronic Components Datasheet Search
  English  ▼

X  

AS8410 Datasheet(PDF) 15 Page - ams AG

Part # AS8410
Description  PWM DC Motor Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8410 Datasheet(HTML) 15 Page - ams AG

Back Button AS8410 Datasheet HTML 11Page - ams AG AS8410 Datasheet HTML 12Page - ams AG AS8410 Datasheet HTML 13Page - ams AG AS8410 Datasheet HTML 14Page - ams AG AS8410 Datasheet HTML 15Page - ams AG AS8410 Datasheet HTML 16Page - ams AG AS8410 Datasheet HTML 17Page - ams AG AS8410 Datasheet HTML 18Page - ams AG AS8410 Datasheet HTML 19Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
PWM DC Motor Regulator – Data Sheet
AS8410
Rev. 1.0, December 2000
page 15 of 19
1 This input must be current limited by the external circuitry (max. 400
µA).
2 max. pulse duration = 1
µs
3 valid for I
OUT = 5 mA ... 300 mA and Vbat = 12 V , Vpump = 22 V
4 valid for I
OUT = 1 mA ... 5 mA and VDDA = 12 V , Vpump = 22 V
(For a fixed output current the tolerance of the current amplification factor is less than 10%.)
4.1.4
Charge pump
The charge pump generates a supply voltage about 10 V higher than the system supply voltage
Vbat (Vpump = Vbat + 10 V) to drive the gate of the external high side power FET switch.
In the case of the min. supply voltage Vbat = 6 V, the pumped voltage Vpump is about 11 V.
The load current of the external capacitors Cp1 and Cp2 is limited to max. 40 mA to prevent RF
emissions by high current peaks.
Symbol
Parameter
min
typ
max
Unit
Note
VPP
Pumped voltage difference
VPP = (Vpump – Vbat)
9,0
10,0
12,0
V
1
ICp1, ICp2 Currents to the external capacitors
40
mA
DV
Ripple of the pumped voltage Vpump
0,50
0,70
V
2
fPWM
Frequency (internal oscillator)
18
kHz
1 valid for Vbat = (12.. 33) V (for Vbat = 6 V is VPP = 5 V), Vpump = Vbat + VPP
2 valid for I
Vpump = 300 mA ( pulse duration < 1
µs and f
OSC = 18 kHz ), Cp1 = Cp2 = 400 nF
4.1.5
Motor current measurement unit
The motor measurement unit works with an external current measurement resistor in the high
side motor line. The nominal measurement differential voltage (VCMp – VCMn)nom is fixed to
50 mV (corresponding to 100% of the motor current). So the value of this measurement resistor
is given by Rmeas = 50 mV / Imotor_nom .
The over current detection is fixed by a motor current 60 % over the nominal motor current
(Imotor_over = 1.6 * Imotor_nom). The switch off of the motor in case of an over current (or short circuit
of the motor) is realised in less than 2
µs.
Symbol
Parameter
min
typ
max
Unit
Note
VCMp/CMn Common mode voltage at the pins
CMn or CMp
-1.15
Vbat
V
VCM_diff_nom Nominal differential voltage of the
motor current measurement input
(VCMp – VCMn)nom
50
mV
1
VCM_diff_over Threshold voltage of the over current
detection
1,6 * VCM_diff_nom
2
FI
Relative motor current measurement
error
2
%
3
1 I
motor_nom = VCM_diff_nom / Rmeas
Rmeas is the motor current measurement resistor.
2 Over current detection at I
motor_over = 1,6 * Imotor_nom
3 FI < 2 % of I
motor_nom
, FI = (Imotor – Imotor_meas) / Imotor_nom
valid for static VCMp/CMn or for: Vbat = 12 V , Vpump = 22 V , switching edges of VCMp/CMn
(VCMp/CMn_min = -0.7 V and VCMp/CMn_max = Vbat) with trise/fall > 200 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com