Electronic Components Datasheet Search
  English  ▼

X  

LS4148 Datasheet(PDF) 1 Page - WILLAS ELECTRONIC CORP

Part # LS4148
Description  1N4148 Quadro MELF SIGNAL DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

LS4148 Datasheet(HTML) 1 Page - WILLAS ELECTRONIC CORP

  LS4148 Datasheet HTML 1Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LS4148
1N4148 Quadro MELF SIGNAL DIODE
Absolute Maximum Ratings (Ta=25
°C)
Items
Symbol
Ratings
Unit
Reverse Voltage
VR
75
V
Reverse Recovery
Time
trr
4
ns
Power Dissipation
3.33mW/
°C (25°C)
P
500
mW
Forward Current
IF
150
mA
Junction Temp.
Tj
-65 to 175
°C
Storage Temp.
Tstg
-65 to 175
°C
Mechanical Data
Items
Materials
Package
QUADRO MELF
Case
Hermetically sealed glass
Lead/Finish
Double stud/Solder Plating
Chip
Glass Passivated
Electrical Characteristics (Ta=25
°C)
Ratings
Symbol
Ratings
Unit
Minimum Breakdown Voltage
@IR= 100uA
BV
100
V
Peak Forward Surge Current
tp= 1
µsec.
IFsurge
2
A
Maximum Forward Voltage
IF= 10mA
VF
1.0
V
Maximum Reverse Current
VR= 20V
VR= 75V
VR= 20V, Tj= 150
°C
IR
0.025
5.0
50
uA
Maximum Junction Capacitance
VR= 0, f= 1 MHz
Cj
4
pF
Maximum Reverse Recovery Time
IF= 10mA, VR= 6V, IRR= 1mA, RL= 100
Ω
trr
4
ns
Maximum Thermal Resistance (on PC Board 50mm x 50mm x 1.6mm)
R
θJA
500
°C/W
Maximum Rectification Efficiency
Vrf= 2V, f= 100MHz
ην
0.45
%
o
r
d
a
u
Qo
r
d
a
u
Q
o
r
d
a
u
Q
o
r
d
a
u
Qo
r
d
a
u
Q
F
L
E
M
Dimensions in millimeters
3.5 +/- 0.2
1.5 +/-0.1
Glass
Cathode Identification
WILLAS
WILLAS ELECTRONIC CORP.
SCS501V
VOLTAGE 40V
0.1AMP Schottky Barrier Rectifiers
FEATURES
* Extremely Low VF
* Extremely thin package
* Low stored charge
* Majority carrier conduction
* Case:Molded plastic, JEDEC SOD-323(SC-76)
* Terminal : Solder plated, solderable per MIL-STD-750,
Method 2026
* Polarity : Indicated by cathode band
* Mounting Position : Any
* Weight : 0.000159 ounce, 0.0045 gram
MAXIMUM RATING AND ELECTRICAL CHARACTERISTICS
Rating 25
oC ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
Symbol
Min.
Typ.
Max.
Unit
VRM
45
V
VR
40
V
I F = 10mA DC
F1
V
V
VR = 10V DC
IR
0.55
0.34
µ A
IO
30
A
A
TJ
oC
TSTG
oC
1
Continuous Reverse Voltage
Parameter
Forward Voltage
IFSM
Operating Temperature
Mean Rectifying Current
Conditions
Repetitive Peak Reverse Voltage
Storage Temperature
Reverse Current
V
F2
V
I F = 100mA DC
0.1
125
Peak forward surge current
Capacitance between terminals
CT
6.0
pF
-40
SOD-323(SC-76)
Marking Code: JV or 4
.010 (0.25)
min.
.012 (0.3)
.059 (1.5)
Cathode Band
Top View
.043 (1.1)
Dimensions in inches
and (millimeters)
+125
MECHANICAL DATA
Pb Free Product
2004.12


Similar Part No. - LS4148

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LS4148 VISHAY-LS4148 Datasheet
56Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
Rectron Semiconductor
LS4148 RECTRON-LS4148 Datasheet
16Kb / 1P
1N4148 Quadro MELF SIGNAL DIODE
logo
Jinan Gude Electronic D...
LS4148 JGD-LS4148 Datasheet
213Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Semtech Corporation
LS4148 SEMTECH-LS4148 Datasheet
99Kb / 2P
Silicon Expitaxial Planar Diode?
logo
Diodes Incorporated
LS4148 DIODES-LS4148 Datasheet
58Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30003 Rev. A-2
More results

Similar Description - LS4148

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
LS4148 RECTRON-LS4148 Datasheet
16Kb / 1P
1N4148 Quadro MELF SIGNAL DIODE
MM4148 RECTRON-MM4148 Datasheet
22Kb / 1P
1N4148 mini-MELF SIGNAL DIODE
MM4150 RECTRON-MM4150 Datasheet
21Kb / 1P
1N4150 mini-MELF SIGNAL DIODE
MCL4448 RECTRON-MCL4448 Datasheet
39Kb / 1P
Micro- MELF SIGNAL DIODE
MM4448 RECTRON-MM4448 Datasheet
37Kb / 1P
mini- MELF SIGNAL DIODE
logo
Tak Cheong Electronics ...
TCLS4148 TAK_CHEONG-TCLS4148 Datasheet
90Kb / 3P
500mW QUADRO Mini-MELF Hermetically Sealed Glass Fast Switching Diodes
logo
WILLAS ELECTRONIC CORP
1N4148 WILLAS-1N4148 Datasheet
331Kb / 2P
1N4148 SIGNAL DIODE
MM4150 WILLAS-MM4150 Datasheet
479Kb / 1P
1N4150 mini-MELF SIGNAL DIODE
logo
List of Unclassifed Man...
1N4148-B ETC2-1N4148-B Datasheet
98Kb / 2P
1N4148 SIGNAL DIODE
logo
Continental Device Indi...
LS-34 CDIL-LS-34 Datasheet
354Kb / 3P
LS-34 Quadro MELF Glass Package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com