Electronic Components Datasheet Search
  English  ▼

X  

XC6367 Datasheet(PDF) 22 Page - Torex Semiconductor

Part # XC6367
Description  PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6367 Datasheet(HTML) 22 Page - Torex Semiconductor

Back Button XC6367 Datasheet HTML 18Page - Torex Semiconductor XC6367 Datasheet HTML 19Page - Torex Semiconductor XC6367 Datasheet HTML 20Page - Torex Semiconductor XC6367 Datasheet HTML 21Page - Torex Semiconductor XC6367 Datasheet HTML 22Page - Torex Semiconductor XC6367 Datasheet HTML 23Page - Torex Semiconductor XC6367 Datasheet HTML 24Page - Torex Semiconductor XC6367 Datasheet HTML 25Page - Torex Semiconductor XC6367 Datasheet HTML 26Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
XC6367/6368
Series
428
4
0
20
40
60
80
100
0.1
1
10
100
1000
VIN=0.9V
1.2V
VDD=3.0V
0
20
40
60
80
100
0.1
1
10
100
1000
VIN=0.9V 1.2V
2.7V
1.5V 1.8V
0
20
40
60
80
100
0.1
1
10
100
1000
VIN=0.9V 1.2V
1.8V
1.5V
2.7V
0
20
40
60
80
100
0.1
1
10
100
1000
VIN=0.9V 1.2V
1.8V
1.5V
2.7V
0
20
40
60
80
100
0.1
1
10
100
1000
VIN=0.9V 1.2V 1.5V
XC6368A151MR (100kHz,1.5V)
XC6368A305MR (500kHz,3.0V)
XC6368B103MR (300kHz,3.3V)
XC6368B102MR (180kHz,3.3V)
XC6368B101MR (100kHz,2.0V)
Output Current:IOUT (mA)
Output Current:IOUT (mA)
Output Current:IOUT (mA)
Output Current:IOUT (mA)
Output Current:IOUT (mA)
Note:〈External component〉CIN=220μF(Electrolytic capacitor)
SD:MA737, Tr:XP161A1355P
L=22μH(CR54), CL=94μF(Tantalum)
SD:MA737, Tr:XP161A1355P
L=22μH(CR54), CL=94μF(Tantalum)
L=22μH(CR54), CL=94μF(Tantalum)
SD:MA737, Tr:XP161A1265P
L=10μH(CR54), CL=94μF(Tantalum)
SD:MA737, Tr:XP161A1355P
SD:MA737, Tr:2SD1628G, RB=510Ω, CB=2200pF
L=47μH(CR75), CL=94μF(Tantalum)
(2) EFFICIENCY vs. OUTPUT CURRENT
04S_02XC6367/68 02.09.12 14:41 ページ 428



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com