Electronic Components Datasheet Search
  English  ▼

X  

SC187EVB Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC187EVB
Description  4A, 2.2MHz Synchronous Step-Down Regulator with 15 Preset Output Voltages
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC187EVB Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC187EVB Datasheet HTML 9Page - Semtech Corporation SC187EVB Datasheet HTML 10Page - Semtech Corporation SC187EVB Datasheet HTML 11Page - Semtech Corporation SC187EVB Datasheet HTML 12Page - Semtech Corporation SC187EVB Datasheet HTML 13Page - Semtech Corporation SC187EVB Datasheet HTML 14Page - Semtech Corporation SC187EVB Datasheet HTML 15Page - Semtech Corporation SC187EVB Datasheet HTML 16Page - Semtech Corporation SC187EVB Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
SC187
Applications Information (continued)
2
FB
OSTD
OSTD
OUT
1
FB
R
V
V
V
R
where V
OSTD is the pre-determined output voltage via the
CTL pins.
C
FF is needed to maintain good transient response perfor-
mance. The correct value of C
FF can be found using the
following equation.
)
5
.
0
V
V
(
V
V
]
k
[
R
5
.
0
V
5
.
2
]
nF
[
C
OSTD
OSTD
OSTD
OUT
1
FB
2
OUT
FF
To simplify the design, it is recommended to program the
desired output voltage from a standard 1.0V as shown in
Figure 2 with a proper C
FF calculated from Equation 2. For
programming the output voltage from other standard
voltages, R
FB1, RFB2 and CFF need to be adjusted to conform
to the previous equations.
Shut Down
When all CTL pins are low, the device will run in shutdown
mode, drawing less than 1μA from the input power supply.
The internal switches and band-gap voltage will be imme-
diately turned off.
Thermal Shutdown
The device has a thermal shutdown feature to protect the
SC187 if the junction temperature exceeds 160°C. During
thermal shutdown, the on-chip power devices are dis-
abled, floating the LX output. When the temperature
drops by 10°C, it will initiate a soft start cycle to resume
normal operation.
Under-Voltage Lockout
Under-Voltage Lockout (UVLO) is enabled when the input
voltage drops below the UVLO threshold. This prevents
the device from entering an ambiguous state in which
regulation cannot be maintained. Hysteresis of approxi-
mately 300mV is included to prevent chattering near the
threshold. When the AVIN voltage rises back to the turn-
on threshold and CTL
X is high, the soft-start mode is
resumed.
Power Good
The power good (PGOOD) is an open-drain output. When
the output voltage drops below 10% of nominal voltage,
the PGOOD pin is pulled low after a 20μs delay. During
start-up, PGOOD will be asserted 2ms (typ.) after the
output voltage reaches 90% of the final regulation voltage.
The faults of over voltage, fold-back current limit mode
and thermal shutdown will force PGOOD low after a 20µs
delay. When recovering from a fault, PGOOD will be
asserted 1.8ms (typ.) after Vout reaches 90% of the final
regulation voltage.
Soft-Start
The soft-start mode is activated after AVIN reaches it’s
UVLO voltage threshold and CTL
X is set high to enable the
part. A thermal shutdown event will also activate the soft
start sequence. The soft-start mode controls the slew-rate
of the output voltage during start-up thus limiting in-rush
current on the input supply. During start-up, the reference
voltage for the error amplifier is clamped by the voltage
on the SS pin. The output voltage slew rate during soft-
start is determined by the value of the external capacitor
connected to the SS pin and the internal 5µA charging
current. The device requires a minimum soft-start time
from enable to final regulation in the order of 200µs,
including the 50µs enable delay. As a result the soft start
capacitor, Css, should be higher than 1.5nF.
100% Duty-Cycle Operation
SC187 is capable of operating at 100% duty-cycle. When
the difference between the input voltage and output
voltage is less than the minimum dropout voltage, the
PMOS switch is completely on, operating in 100% duty-
cycle. The minimum dropout voltage is the output current
multiplied by the on-resistance of the internal PMOS
switch and the DC-resistance of the inductor when PMOS
switch is on continuously.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com