Electronic Components Datasheet Search
  English  ▼

X  

SFH5711-2/31 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # SFH5711-2/31
Description  Hochgenauer Umgebungslichtsensor High Accuracy Ambient Light Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5711-2/31 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button SFH5711-2/31 Datasheet HTML 2Page - OSRAM GmbH SFH5711-2/31 Datasheet HTML 3Page - OSRAM GmbH SFH5711-2/31 Datasheet HTML 4Page - OSRAM GmbH SFH5711-2/31 Datasheet HTML 5Page - OSRAM GmbH SFH5711-2/31 Datasheet HTML 6Page - OSRAM GmbH SFH5711-2/31 Datasheet HTML 7Page - OSRAM GmbH SFH5711-2/31 Datasheet HTML 8Page - OSRAM GmbH SFH5711-2/31 Datasheet HTML 9Page - OSRAM GmbH SFH5711-2/31 Datasheet HTML 10Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2011-03-21
7
SFH 5711
Maßzeichnung
Package Outlines
Maße in mm (inch) / Dimensions in mm (inch)
Anschlußbelegung
Pin configuration
Pin #
Description
1GND
2GND
3V
CC
4I
OUT
bottomview
sideview
topview
GEOY7012
0.8 (0.031)
0.6 (0.024)
1.25 (0.049)
0.95 (0.037)
0.3 (0.012)
0.5 (0.020)
1.27 (0.050)
(2 (0.079))
0.95 (0.037)
1.25 (0.049)
2.35 (0.093)
2.05 (0.081)
Pin 3
Pin 4
Pin 1
Photo sensitive area
Pin 2
(0.7 (0.028))
Green orientation indicator
Anti-Solder
Pin 1
Pick up area
Pick up area: 2 x 1.7mm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com