Electronic Components Datasheet Search
  English  ▼

X  

1B22 Datasheet(PDF) 1 Page - Analog Devices

Part # 1B22
Description  Programmable, Isolated Voltage-to-Current Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

1B22 Datasheet(HTML) 1 Page - Analog Devices

  1B22 Datasheet HTML 1Page - Analog Devices 1B22 Datasheet HTML 2Page - Analog Devices 1B22 Datasheet HTML 3Page - Analog Devices 1B22 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
1B22
FUNCTIONAL BLOCK DIAGRAM
IN2
4mA
OFFSET
RESISTOR
NETWORK
REF
IN1
S. NODE
RECTIFIER/
LOOP SUPPLY
SYNC
+15V
A. COM
–15V
VLOOP
P. COM
PROT
OUT
HI
OUT
LO
1B22
DEMODULATOR
MODULATOR
OSCILLATOR
SIGNAL
ISOLATION
POWER
ISOLATION
Programmable, Isolated
Voltage-to-Current Converter
FEATURES
Internal Isolated Loop Supply Drives 1000
Load
Pin Programmable Inputs: 0 V to +5 V or 0 V to +10 V
Pin Programmable Outputs: 4 to 20 mA or 0 to 20 mA
High CMV Isolation: 1500 V RMS
Normal-Mode Output Protection: 240 V RMS
High Accuracy
Low Offset Tempco:
300 nA/ C
Low Gain Tempco:
50 ppm/ C
Low Nonlinearity:
0.02%
High CMR: 90 dB min
Small Package: 1.0"
2.10"
0.35"
Meets IEEE STD 472: CMV Transient Protection (SWC)
APPLICATIONS
Multichannel Process Control
D/A Converter—Current Loop Interface
Analog Transmitters and Controllers
Remote Data Acquisition Systems
GENERAL DESCRIPTION
The 1B22 is an isolated voltage-to-current converter that
incorporates transformer isolation to achieve high performance
and automated surface mount manufacturing for low cost
and increased reliability. Designed for industrial applications,
it is especially suited for harsh environments with extremely
high common-mode interference. With programmable inputs
and outputs, the 1B22 provides an unbeatable combination of
versatility and performance in a compact plastic package.
Functionally, the V/I converter consists of four basic sections:
input conditioning, modulator/demodulator, isolated loop
supply and current source (Figure 1). The 1B22 is pin program-
mable for 0 V to +5 V or 0 V to +10 V inputs and 0 to 20 mA
or 4 to 20 mA outputs using an internal resistor network. It can
also be set by an external resistor to accept 0 V to +1 V to 0 V
to +10 V inputs. Transformer coupling provides 1500 V rms
galvanic isolation between the inputs and the current loop.
Nonlinearity is an excellent
±0.05% max.
Loop power is generated internally through a dc/dc converter
and is also isolated from the input side (1500 V rms). Loop
compliance voltage is dependent on the voltage supplied to the
1B22, and with VLOOP = 28 V, it is sufficient to drive a 1000
Ω
load.
The 1B22 is fully specified over –25
°C to +85°C and operates
over the industrial (–40
°C to +85°C) temperature range.
DESIGN FEATURES AND USER BENEFITS
Isolated Loop Power: Internal loop supply completely
isolates the loop from the input terminals (1500 V rms) and
provides the capability to drive 0
Ω to 1000 Ω loads. This elimi-
nates the need for an external dc/dc converter.
Ease of Use: The 1B22 offers complete isolated voltage-to-
current conversion with minimum external parts required to get
a conditioned current signal. No external buffers or drivers are
required.
High CMV Isolation: The 1B22 features high input to output
galvanic isolation to eliminate ground loops and offer protection
against damage from transients and fault voltages. The isolation
barrier will withstand continuous CMV of 1500 V rms and meets
the IEEE Standard for Common-Mode Voltage Transient Pro-
tection (STD 472-SWC).
Small Size: The 1B22 package size (1.0"
× 2.1" DIP) makes it
an excellent choice in multichannel systems for maximum chan-
nel density. The 0.35" height also facilitates applications with
limited board clearance.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000


Similar Part No. - 1B22

ManufacturerPart #DatasheetDescription
logo
Analog Devices
1B22 AD-1B22_15 Datasheet
230Kb / 4P
Programmable, Isolated Voltage-to-Current Converter
REV. B
More results

Similar Description - 1B22

ManufacturerPart #DatasheetDescription
logo
Analog Devices
1B21 AD-1B21 Datasheet
229Kb / 4P
Isolated, Loop-Powered Voltage-to-Current Converter
logo
List of Unclassifed Man...
2B22 ETC1-2B22 Datasheet
32Kb / 1P
High Performance, Isolated Voltage-to-Current Converter
2B23 ETC1-2B23 Datasheet
29Kb / 1P
Programmable Output, Isolated Voltage-to-Current Converter
logo
Intronics Power, Inc.
2B22 INTRONICS-2B22 Datasheet
984Kb / 4P
High performance, Isolated Voltage-to-current Converter
2B23 INTRONICS-2B23 Datasheet
841Kb / 4P
Programmable Output, Isolated Voltage-to-Current Converter
logo
Analog Devices
1B21 AD-1B21_15 Datasheet
147Kb / 8P
Isolated, Loop-Powered Voltage-to-Current Converter
REV. C
1B22 AD-1B22_15 Datasheet
230Kb / 4P
Programmable, Isolated Voltage-to-Current Converter
REV. B
2B22 AD-2B22_15 Datasheet
1Mb / 4P
HIGH PERGORMANCE ISOLATED VOLTAGE TO CURRENT CONVERTER
2B23 AD-2B23_15 Datasheet
2Mb / 4P
PROGRAMMABLE OUTPUT ISOLATED VOLTATGE TO CURRENT CONVERTER
1B21 AD-1B21_V01 Datasheet
147Kb / 8P
Isolated, Loop-Powered Voltage-to-Current Converter
Rev. C
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com