Electronic Components Datasheet Search
  English  ▼

X  

BCX55 Datasheet(PDF) 1 Page - WILLAS ELECTRONIC CORP

Part # BCX55
Description  SOT-89 Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

BCX55 Datasheet(HTML) 1 Page - WILLAS ELECTRONIC CORP

  BCX55 Datasheet HTML 1Page - WILLAS ELECTRONIC CORP BCX55 Datasheet HTML 2Page - WILLAS ELECTRONIC CORP BCX55 Datasheet HTML 3Page - WILLAS ELECTRONIC CORP BCX55 Datasheet HTML 4Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SOT-89
1. BASE
2. COLLECTOR
3. EMITTER
SOT-89 Plastic-Encapsulate Transistors
TRANSISTOR (NPN)
FEATURES
PNP Complements to BCX51,BCX52,BCX53
Low Voltage
High Current
APPLICATIONS
Driver Stages of Audio Amplifiers
MARKING: BCX55:BE, BCX55-10:BG, BCX55-16BM
BCX56:BH, BCX56-10:BK, BCX56-16:BL
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
BCX55
60
VCBO
Collector-Base Voltage
BCX56
100
V
BCX55
60
VCEO
Collector-Emitter Voltage
BCX56
80
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current
1
A
PC
Collector Power Dissipation
500
mW
RθJA
Thermal Resistance From Junction To Ambient
250
℃/W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature
-55~+150
℃
A,May,2011
2012- 0
WILLAS ELECTRONIC CORP.
BCX55
BCX56
Features
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Low power loss, high efficiency.
High current capability, low forward voltage drop.
High surge capability.
Guardring for overvoltage protection.
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
•
•
•
•
•
•
•
•
Package outline
Mechanical data
Epoxy : UL94-V0 rated flame retardant
• Case : Molded plastic, SOD-123H
• Terminals :Plated terminals, solderable per MIL-STD-750
,
Method 2026
• Polarity : Indicated by cathode band
• Mounting Position : Any
• Weight : Approximated 0.011 gram
•
0.146(3.7)
0.130(3.3)
0.012(0.3) Typ.
0.071(1.8)
0.056(1.4)
0.040(1.0)
0.024(0.6)
0.031(0.8) Typ.
0.031(0.8) Typ.
Dimensions in inches and (millimeters)
SOD-123H
Pb Free Product
1.0A SURFACE MOUNT SCHOTTKY
SOD-123
PACKAGE
WILLAS
BARRIER RECTIFIERS -20V- 200V
FM120-M
THRU
FM1200-M
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
WILLAS ELECTRONIC CORP.
201
2-06
 
RATINGS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Marking Code
12
13
14
15
16
18
10
115
120
Maximum Recurrent Peak Reverse Voltage
VRRM
Maximum RMS Voltage
VRMS
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
150
200
14
21
28
35
42
56
70
105
140
20
30
40
50
60
80
100
150
200
Volts
Volts
Volts
Maximum Average Forward Rectified Current
 
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IO
 
IFSM
1.0
 
30
Amps
 
Amps
Typical Thermal Resistance (Note 2)
RΘJA
Typical Junction Capacitance (Note 1)
CJ
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
 
 
-55 to +125
40
120
 
- 65 to +175
 
 
-55 to +150
℃/W
PF
℃
℃
 
CHARACTERISTICS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Maximum Forward Voltage at 1.0A DC
VF
0.50
0.70
0.85
0.9
0.92
Volts
@TA=25℃
0.5
Maximum Average Reverse Current at
Rated DC Blocking Voltage
@TA=125℃
IR
10
 
mAmps
 
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Thermal Resistance From Junction to Ambient
 
 
RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"
•
•
Pb-Free package is available
RoHS product for packing code suffix ”G”
Halogen free product for packing code suffix “H”


Similar Part No. - BCX55

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX55 PHILIPS-BCX55 Datasheet
42Kb / 8P
NPN medium power transistors
Rev. 07 - 4 June 2007
logo
Siemens Semiconductor G...
BCX55 SIEMENS-BCX55 Datasheet
146Kb / 5P
NPN Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Central Semiconductor C...
BCX55 CENTRAL-BCX55 Datasheet
103Kb / 2P
SURFACE MOUNT NPN SILICON TRANSISTOR
logo
Infineon Technologies A...
BCX55 INFINEON-BCX55 Datasheet
48Kb / 5P
NPN Silicon AF Transistors
Jul-10-2001
logo
Zetex Semiconductors
BCX55 ZETEX-BCX55 Datasheet
17Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
More results

Similar Description - BCX55

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6_1 Datasheet
118Kb / 2P
SOT-89 Plastic-Encapsulate Transistors (SOT-89)
logo
WILLAS ELECTRONIC CORP
2SA1201 WILLAS-2SA1201 Datasheet
351Kb / 2P
SOT-89 Plastic-Encapsulate Transistors
2SB766 WILLAS-2SB766 Datasheet
338Kb / 2P
SOT-89 Plastic-Encapsulate Transistors
2SB1188 WILLAS-2SB1188 Datasheet
531Kb / 3P
SOT-89 Plastic-Encapsulate Transistors
2SC1766 WILLAS-2SC1766 Datasheet
362Kb / 2P
SOT-89 Plastic-Encapsulate Transistors
2SD1898 WILLAS-2SD1898 Datasheet
268Kb / 3P
SOT-89 Plastic-Encapsulate Transistors
B772 WILLAS-B772 Datasheet
353Kb / 2P
SOT-89 Plastic-Encapsulate Transistors
BC869 WILLAS-BC869 Datasheet
427Kb / 2P
SOT-89 Plastic-Encapsulate Transistors
logo
Shenzhen Tuofeng Semico...
B772 TUOFENG-B772 Datasheet
3Mb / 2P
SOT-89 Plastic-Encapsulate Transistors
D882 TUOFENG-D882 Datasheet
3Mb / 2P
SOT-89 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com