Electronic Components Datasheet Search
  English  ▼

X  

10D511K Datasheet(PDF) 5 Page - Ceramate Technical

Part # 10D511K
Description  VARISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

10D511K Datasheet(HTML) 5 Page - Ceramate Technical

  10D511K Datasheet HTML 1Page - Ceramate Technical 10D511K Datasheet HTML 2Page - Ceramate Technical 10D511K Datasheet HTML 3Page - Ceramate Technical 10D511K Datasheet HTML 4Page - Ceramate Technical 10D511K Datasheet HTML 5Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TYPE
GNR10D□□□
□□□
□□□
□□□K
MODEL
PAGE
5/
5
CITATION
DATE
Oct. 13, 2001
SUBJECT
ELECTRICAL CHARACTERISTICS
REV.
B01
MAXIMUM
ALLOWABLE
VOLTAGE
VARISTOR
VOLTAGE
CLAMPING
VOLTAGE
(MAX.)
RATED
WATTAGE
(MAX.)
SURGE
CURRENT
(8/20μ
μ
μ
μs)
MAXIMUM
ENERGY
(10/1000μ
μ
μ
μs)
SURGE
LIFE
Itm(A)
PART
NUMBER
ACrms(V) DC(V)
(V)
(V)
Ip(A)
(W)
1 TIME
2 TIMES
Wtm(joule)
(A)
10D180K
11
14
16〜20
36
2.6
10D220K
14
18
20〜24
43
3.2
10D270K
17
22
24〜30
53
3.9
10D330K
20
26
30〜36
65
4.8
10D390K
25
31
35〜43
77
5.6
10D470K
30
38
42〜52
93
6.8
10D560K
35
45
50〜62
110
8.1
10D680K
40
56
61〜75
135
5
0.05
1000
500
9.8
50
10D820K
50
65
74〜90
135
14
10D101K
60
85
90〜110
165
17
10D121K
75
100
108〜132
200
20
10D151K
95
125
135〜165
250
25
10D181K
115
150
162〜198
300
32
10D201K
130
170
185〜225
340
35
10D221K
140
180
198〜242
360
39
10D241K
150
200
216〜264
395
42
10D271K
175
225
247〜303
455
49
10D301K
190
250
270〜330
505
54
10D331K
210
275
297〜363
545
58
10D361K
230
300
324〜396
595
65
10D391K
250
320
351〜429
650
70
10D431K
275
350
387〜473
710
80
10D471K
300
385
423〜517
775
85
10D511K
320
410
459〜561
845
92
10D561K
350
460
504〜616
920
92
10D621K
385
505
558〜682
1025
92
10D681K
420
560
612〜748
1120
92
10D751K
460
615
675〜825
1240
100
10D781K
485
640
702〜858
1290
105
10D821K
510
670
738〜902
1355
110
10D911K
550
745
819〜1001
1500
130
10D102K
625
825
900〜1100
1650
140
10D112K
680
895
990〜1210
1815
155
150
10D182K
1000
1465
1700〜1980
2970
25
0.4
3500 2500
247
120



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com