Electronic Components Datasheet Search
  English  ▼

X  

AD10242/PCB Datasheet(PDF) 9 Page - Analog Devices

Part # AD10242/PCB
Description  Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD10242/PCB Datasheet(HTML) 9 Page - Analog Devices

Back Button AD10242/PCB Datasheet HTML 5Page - Analog Devices AD10242/PCB Datasheet HTML 6Page - Analog Devices AD10242/PCB Datasheet HTML 7Page - Analog Devices AD10242/PCB Datasheet HTML 8Page - Analog Devices AD10242/PCB Datasheet HTML 9Page - Analog Devices AD10242/PCB Datasheet HTML 10Page - Analog Devices AD10242/PCB Datasheet HTML 11Page - Analog Devices AD10242/PCB Datasheet HTML 12Page - Analog Devices AD10242/PCB Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD10242
–9–
REV. A
ANALOG INPUT FREQUENCY – MHz
64
61.5
520
10
67
64.5
63
66
65
62
ENCODE = 40.0 MSPS
AIN = –1 dBFs
T = +125 C
T = +25 C
T = –55 C
62.5
63.5
65.5
66.5
Figure 12. SNR vs. AIN
SAMPLE RATE – MSPS
70
58
550
10
66
62
AIN = 9.9 MHz
AIN = –1 dBFs
SFDR
64
68
60
15
20
25
30
35
40
45
SNR
Figure 13. SNR and Harmonics vs. Encode Rate
TEMPERATURE – C
–2.0
–55
125
GAIN
25
OFFSET
45
65
85
105
5
–15
–35
–1.5
–1.5
–0.5
0
0.5
1.0
1.5
2.0
Figure 14. Offset and Gain Error vs. Temperature
ANALOG INPUT FREQUENCY – MHz
–10
10
IN A1
25
30
35
40
20
15
–20
–30
–40
–50
–60
–70
–80
–90
0
ENCODE = 40.0 MSPS
AIN = –1 dBFs
IN B1
IN B3
IN A3
Figure 15. Isolation vs. Frequency
ANALOG INPUT POWER LEVEL – dBFs
60
0
–70
–60
40
20
ENCODE = 40 MSPS
AIN = 9.98 MHz
SFDR (dBFs)
30
50
10
–50
–40
–30
–20
–10
0
70
80
90
SFDR (dBc)
SFDR = 75dB
Figure 16. Single Tone SFDR (AIN @ 9.98) vs. Power Level
ANALOG INPUT POWER LEVEL – dBFs
60
0
–70
–60
40
20
ENCODE = 40 MSPS
AIN = 19.9 MHz
SFDR (dBFs)
30
50
10
–50
–40
–30
–20
–10
0
70
80
90
SFDR (dBc)
SFDR = 75dB
100
Figure 17. Single Tone SFDR (AIN @ 19.9) vs. Power Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com