Electronic Components Datasheet Search
  English  ▼

X  

AD1376 Datasheet(PDF) 6 Page - Analog Devices

Part # AD1376
Description  Complete, High Speed 16-Bit A/D Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1376 Datasheet(HTML) 6 Page - Analog Devices

  AD1376 Datasheet HTML 1Page - Analog Devices AD1376 Datasheet HTML 2Page - Analog Devices AD1376 Datasheet HTML 3Page - Analog Devices AD1376 Datasheet HTML 4Page - Analog Devices AD1376 Datasheet HTML 5Page - Analog Devices AD1376 Datasheet HTML 6Page - Analog Devices AD1376 Datasheet HTML 7Page - Analog Devices AD1376 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AD1376/AD1377
–6–
REV. B
CALIBRATION
(14-Bit Resolution Examples)
External ZERO ADJ and GAIN ADJ potentiometers, connected
as shown in Figures 4 and 5, are used for device calibration. To
prevent interaction of these two adjustments, Zero is always
adjusted first and then Gain. Zero is adjusted with the analog
input near the most negative end of the analog range (0 for
unipolar and –FS for bipolar input ranges). Gain is adjusted
with the analog input near the most positive end of the analog
range.
0 V to + 10 V Range
Set analog input to +1 LSB14 = 0.00061 V. Adjust Zero for
digital output = 11111111111110.
Zero is now calibrated. Set analog input to +FSR – 2 LSB =
+9.99878 V. Adjust Gain for 00000000000001 digital output
code; full scale (Gain) is now calibrated. Half scale calibration
check: set analog input to +5.00000 V; digital output code
should be 01111111111111.
–10 V to + 10 V Range
Set analog input to 9.99878 V; adjust zero for 1111111111110
digital output (complementary offset binary) code. Set analog
input to 9.99756 V; adjust Gain for 00000000000001 digital
output (complementary offset binary) code. Half scale calibra-
tion check set analog input to 0.00000 V; digital output (com-
plementary offset binary) code should be 01111111111111.
Figure 11. Analog and Power Connections for Unipolar
0 V to +10 V Input Range
Table III. Transition Values vs. Calibration Codes
Code Under Test
Low Side Transition Values
MSB
LSB
Range
±10 V
±5 V
±2.5 V
0 V to +10 V
0 V to +5 V
000 ……… 000*
+Full Scale
+10 V
+5 V
+2.5 V
+10 V
+5 V
–3/2 LSB
–3/2 LSB
–3/2 LSB
–3/2 LSB
–3/2 LSB
011……… 111
Mid Scale
0–1/2 LSB
0–1/2 LSB
0–1/2 LSB
+5 V–1/2 LSB
+2.5 V–1/2 LSB
111……… 110
–Full Scale
–10 V
–5 V
–2.5 V
0 V
0 V
+1/2 LSB
+1/2 LSB
+1/2 LSB
+1/2 LSB
+1/2 LSB
*Voltages given are the nominal value for Transition to the code specified.
Note: For LSB value for range and resolution used, see Table IV.
Table IV. Input Voltage Range and LSB Values
Analog Input
Voltage Range
±10 V
±5 V
±2.5 V
0 V to +10 V
0 V to +5 V
Code
COB*
COB*
COB*
Designation
or CTC**
or CTC**
or CTC**
CSB***
CSB***
One Least
FSR
20 V
10 V
5 V
10 V
5 V
Significant
2
n
2
n
2
n
2
n
2
n
2
n
Bit (LSB)
n = 8
78.13 mV
39.06 mV
19.53 mV
39.06 mV
19.53 mV
n = 10
19.53 mV
9.77 mV
4.88 mV
9.77 mV
4.88 mV
n = 12
4.88 mV
2.44 mV
1.22 mV
2.44 mV
1.22 mV
n = 13
2.44 mV
1.22 mV
0.61 mV
1.22 mV
0.61 mV
n = 14
1.22 mV
0.61 mV
0.31 mV
0.61 mV
0.31 mV
n = 15
0.61 mV
0.31 mV
0.15 mV
0.31 mV
0.15 mV
NOTES
***COB = Complementary Offset Binary.
***CTC = Complementary Twos Complementary—achieved by using an inverter to complement the most significant bit to
product (
MSB).
***CSB = Complementary Straight Binary.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com