Electronic Components Datasheet Search
  English  ▼

X  

AD1377JD Datasheet(PDF) 3 Page - Analog Devices

Part # AD1377JD
Description  Complete, High Speed 16-Bit A/D Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1377JD Datasheet(HTML) 3 Page - Analog Devices

  AD1377JD Datasheet HTML 1Page - Analog Devices AD1377JD Datasheet HTML 2Page - Analog Devices AD1377JD Datasheet HTML 3Page - Analog Devices AD1377JD Datasheet HTML 4Page - Analog Devices AD1377JD Datasheet HTML 5Page - Analog Devices AD1377JD Datasheet HTML 6Page - Analog Devices AD1377JD Datasheet HTML 7Page - Analog Devices AD1377JD Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
–3–
REV. B
AD1376/AD1377
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Logic Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7 V
Analog Inputs (Pins 24 and 25) . . . . . . . . . . . . . . . . . . .
±25 V
Analog Ground-to-Digital Ground . . . . . . . . . . . . . . .
±0.3 V
Digital Inputs . . . . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . +175
°C
Storage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+15
°C
Lead Temperature (10 seconds) . . . . . . . . . . . . . . . . . +300
°C
*Absolute maximum ratings are limiting values to be applied individually, and
beyond which the service ability of the circuit may be impaired. Functional
operability is not necessarily implied. Exposure to absolute maximum rating
conditions for an extended period of time may affect device reliability.
ORDERING GUIDE
Maximum Conversion
Temperature
Linearity
Time
Package
Model
Range
Error
(16 Bits)
Option*
AD1376JD
0
°C to +70°C ±0.006%
17
µs
DH-32E
AD1376KD 0
°C to +70°C ±0.003%
17
µs
DH-32E
AD1377JD
0
°C to -70°C
±0.006%
10
µs
DH-32E
AD1377KD 0
°C to +70°C ±0.003%
10
µs
DH-32E
*DH-32E = Ceramic DIP.
Model
AD1376JD/AD1377JD
AD1376KD/AD1377KD
Units
Status
Logic “1” During Conversion
Status Output Drive
5 (max)
5 (max)
LSTTL Loads
Internal Clock
9
Clock Output Drive
5 (max)
5 (max)
LSTTL Loads
Frequency
1040/1750
1040/1750
kHz
TEMPERATURE RANGE
Specification
0 to –70
0 to –70
°C
Operating
–25 to +85
–25 to +85
°C
Storage
–55 to +125
–55 to +125
°C
NOTES
1Logic “0” = 0.8 V, max. Logic “1” = 2.0 V, min for inputs. For digital outputs Logic “0” = +0.4 V max. Logic “1” = 2.4 V min.
2Tested on
± 10 V and 0 V to +10 V ranges.
3Adjustable to zero.
4Full-Scale Range.
5Guaranteed but not 100% production tested.
6Conversion time may be shortened with “Short Cycle” set for lower resolution.
7CSB–Complementary Straight Binary. COB–Complementary Offset Binary. CTC–Complementary Twos Complement.
8CTC coding obtained by inverting MSB (Pin 1).
9With Pin 23, clock rate controls tied to digital ground.
Specifications subject to change without notice.
Figure 1. Linearity Error vs. Temperature
Figure 2. AD1376 Nonlinearity vs. Conversion Time
Figure 3. Gain Drift Error vs. Temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com