Electronic Components Datasheet Search
  English  ▼

X  

AD14060L Datasheet(PDF) 38 Page - Analog Devices

Part # AD14060L
Description  Quad-SHARC DSP Multiprocessor Family
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD14060L Datasheet(HTML) 38 Page - Analog Devices

Back Button AD14060L Datasheet HTML 34Page - Analog Devices AD14060L Datasheet HTML 35Page - Analog Devices AD14060L Datasheet HTML 36Page - Analog Devices AD14060L Datasheet HTML 37Page - Analog Devices AD14060L Datasheet HTML 38Page - Analog Devices AD14060L Datasheet HTML 39Page - Analog Devices AD14060L Datasheet HTML 40Page - Analog Devices AD14060L Datasheet HTML 41Page - Analog Devices AD14060L Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
AD14060/AD14060L
–38–
REV. A
(per data line). The hold time will be tDECAY plus the minimum
disable time (i.e., tHDWD for the write cycle).
REFERENCE
SIGNAL
tDIS
OUTPUT STARTS
DRIVING
VOH (MEASURED) – ∆V
VOL (MEASURED) + ∆V
tMEASURED
VOH (MEASURED)
VOL (MEASURED)
2.0V
1.0V
VOH (MEASURED)
VOL (MEASURED)
HIGH-IMPEDANCE STATE.
TEST CONDITIONS CAUSE
THIS VOLTAGE TO BE
APPROXIMATELY 1.5V
OUTPUT STOPS
DRIVING
tENA
tDECAY
Figure 27. Output Enable/Disable
+1.5V
50pF
TO
OUTPUT
PIN
IOL
IOH
Figure 28. Equivalent Device Loading for AC Measure-
ments (Includes All Fixtures)
INPUT OR
OUTPUT
1.5V
1.5V
Figure 29. Voltage Reference Levels for AC Measure-
ments (Except Output Enable/Disable)
Capacitive Loading
Output delays and holds are based on standard capacitive loads:
50 pF on all pins (see Figure 28). The delay and hold specifica-
tions given should be derated by a factor of 1.5 ns/50 pF for
loads other than the nominal value of 50 pF. Figures 30 and 31
show how output rise time varies with capacitance. Figure 32
graphically shows how output delays and holds vary with load
capacitance. (Note that this graph or derating does not apply to
output disable delays; see the previous section Output Disable
Time under Test Conditions.) The graphs of Figures 30, 31 and
32 may not be linear outside the ranges shown.
LOAD CAPACITANCE – pF
16.0
8.0
0
0
200
20
40
60
80
100
120
140
160
180
14.0
12.0
4.0
2.0
10.0
6.0
3.7
1.1
14.7
7.4
FALL TIME
RISE TIME
Figure 30. Typical Output Rise Time (10%–90% VDD)
vs. Load Capacitance (VDD = 5 V)
LOAD CAPACITANCE – pF
0
0
20
40
60
80
100
120
RISE TIME
FALL TIME
140
160
180
200
0.5
0.6
1.0
1.5
2.0
2.5
3.0
3.5
1.6
2.9
Figure 31. Typical Output Rise Time (0.8 V –2.0 V)
vs. Load Capacitance (VDD = 5 V)
LOAD CAPACITANCE – pF
5
–1
25
200
50
75
100
125
150
175
4
3
2
1
NOMINAL
–0.7
4.5
Figure 32. Typical Output Delay or Hold vs. Load
Capacitance (at Maximum Case Temperature) (VDD = 5 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com