Electronic Components Datasheet Search
  English  ▼

X  

G25FP Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # G25FP
Description  25kV 10mA HIGH VOLTAGE DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

G25FP Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  G25FP Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
o 3.0
o 0.6
G25FP
G25FP
Mark
25kV 10mA HIGH VOLTAGE DIODES
Maximum Reverse Recovery Time
Trr
at 25°C
Features
High speed switching
High Current
High surge resisitivity for CRT discharge
High reliability design
High Voltage
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=25°C,Resistive Load
10
150
125
-40 to +150
Units
kV
mA
A peak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,IF
at 25°C,VR
at 100°C,V
Units
V
uA
uA
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
is high reliability resin molded type high voltage
diode in small size package which is sealed a multilayed
mesa type silicon chip by epoxy resin.
Outline Drawings : mm
Cathode Mark
27 min.
27 min.
12
Cathode Mark
Lot No.
GETE ELECTRONICS CO.,LTD
Http://www.getedz.com
E-mail:sales@getedz.com
2012
=0V,f=1MHz
--
Type
G25FP
G25FP
55
5.0
0.2
3.0
25
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
pF
HVCA
TM
=VRRM
R
=VRRM
100
nS
=IF(AV)
G25FP
G25FP


Similar Part No. - G25FP

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
G25FP GETEDZ-G25FP_16 Datasheet
72Kb / 1P
25kV 10mA HIGH VOLTAGE DIODES
More results

Similar Description - G25FP

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL79 GETEDZ-2CL79 Datasheet
101Kb / 1P
25kV 5mA HIGH VOLTAGE DIODES
HVRT250 GETEDZ-HVRT250 Datasheet
98Kb / 1P
25kV 30mA HIGH VOLTAGE DIODES
G20FP GETEDZ-G20FP Datasheet
68Kb / 1P
20kV 10mA HIGH VOLTAGE DIODES
G30FP GETEDZ-G30FP Datasheet
68Kb / 1P
30kV 10mA HIGH VOLTAGE DIODES
HV600S25 GETEDZ-HV600S25 Datasheet
68Kb / 1P
300mA 25kV HIGH VOLTAGE DIODES
G25FP GETEDZ-G25FP_16 Datasheet
72Kb / 1P
25kV 10mA HIGH VOLTAGE DIODES
G30FP GETEDZ-G30FP_16 Datasheet
72Kb / 1P
30kV 10mA HIGH VOLTAGE DIODES
HV10G25 GETEDZ-HV10G25_16 Datasheet
339Kb / 2P
10mA 25kV 100nS-HIGH VOLTAGE DIODE
HVRT250 GETEDZ-HVRT250_16 Datasheet
90Kb / 1P
25kV 30mA HIGH VOLTAGE DIODES
ESJC60S25 GETEDZ-ESJC60S25 Datasheet
143Kb / 1P
300mA 25kV -High Voltage Power Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com