Electronic Components Datasheet Search
  English  ▼

X  

G30FP Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # G30FP
Description  30kV 10mA HIGH VOLTAGE DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

G30FP Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  G30FP Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
o 3.0
o 0.6
G30FP
G30FP
Mark
30kV 10mA HIGH VOLTAGE DIODES
Maximum Reverse Recovery Time
Trr
at 25°C
Features
High speed switching
High Current
High surge resisitivity for CRT discharge
High reliability design
High Voltage
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=25°C,Resistive Load
10
150
125
-40 to +150
Units
kV
mA
A peak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,IF
at 25°C,VR
at 100°C,V
Units
V
uA
uA
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
is high reliability resin molded type high voltage
diode in small size package which is sealed a multilayed
mesa type silicon chip by epoxy resin.
Outline Drawings : mm
Cathode Mark
27 min.
27 min.
12
Cathode Mark
Lot No.
GETE ELECTRONICS CO.,LTD
Http://www.getedz.com
E-mail:sales@getedz.com
2012
=0V,f=1MHz
--
Type
G30FP
G30FP
55
5.0
0.2
3.0
30
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
pF
HVCA
TM
=VRRM
R
=VRRM
100
nS
=IF(AV)
G30FP
G30FP


Similar Part No. - G30FP

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
G30FP GETEDZ-G30FP_16 Datasheet
72Kb / 1P
30kV 10mA HIGH VOLTAGE DIODES
More results

Similar Description - G30FP

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL82 GETEDZ-2CL82 Datasheet
101Kb / 1P
30kV 5mA HIGH VOLTAGE DIODES
HVRT300 GETEDZ-HVRT300 Datasheet
99Kb / 1P
30kV 30mA HIGH VOLTAGE DIODES
G20FP GETEDZ-G20FP Datasheet
68Kb / 1P
20kV 10mA HIGH VOLTAGE DIODES
G25FP GETEDZ-G25FP Datasheet
68Kb / 1P
25kV 10mA HIGH VOLTAGE DIODES
SHV-30 GETEDZ-SHV-30 Datasheet
68Kb / 1P
30kV 5mA HIGH VOLTAGE DIODES
HV600S30 GETEDZ-HV600S30 Datasheet
68Kb / 1P
300mA 30kV HIGH VOLTAGE DIODES
G20FP GETEDZ-G20FP_16 Datasheet
72Kb / 1P
20kV 10mA HIGH VOLTAGE DIODES
G25FP GETEDZ-G25FP_16 Datasheet
72Kb / 1P
25kV 10mA HIGH VOLTAGE DIODES
G30FP GETEDZ-G30FP_16 Datasheet
72Kb / 1P
30kV 10mA HIGH VOLTAGE DIODES
HV10G30 GETEDZ-HV10G30_16 Datasheet
339Kb / 2P
10mA 30kV 100nS-HIGH VOLTAGE DIODE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com