Electronic Components Datasheet Search
  English  ▼

X  

DB101 Datasheet(PDF) 1 Page - WILLAS ELECTRONIC CORP

Part # DB101
Description  VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

DB101 Datasheet(HTML) 1 Page - WILLAS ELECTRONIC CORP

  DB101 Datasheet HTML 1Page - WILLAS ELECTRONIC CORP DB101 Datasheet HTML 2Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE-PHASE GLASS PASSIVATED
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FEATURES
* Good for automation insertion
* Surge overload rating - 50 amperes peak
* Ideal for printed circuit board
* Reliable low cost construction utilizing molded
* Glass passivated device
* Polarity symbols molded on body
* Mounting position: Any
* Weight: 1.0 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
DB101
THRU
DB107
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
SILICON BRIDGE RECTIFIER
Dimensions in inches and (millimeters)
DB-1
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
TJ,TSTG
VRMS
Volts
Volts
Amps
1.0
50
-65 to + 150
0 C
UNITS
Maximum Average Forward Output Current at TA = 40
oC
50
200
400
100
600
800
1000
35
140
280
70
420
560
700
Volts
Amps
DB101
DB103
DB104
DB102
DB105
DB106
DB107
50
200
400
100
600
800
1000
DC Blocking Voltage per element
CHARACTERISTICS
VF
SYMBOL
IR
UNITS
1.1
0.5
mAmps
uAmps
Element at 1.0A DC
Maximum Forward Voltage Drop per Bridge
Volts
@TA = 25
oC
@TA = 125
oC
5.0
Maximum Forward Voltage Drop per Bridge
DB101
DB103
DB104
DB102
DB105
DB106
DB107
FEATURES
* Epoxy : UL flammability classification 94V-0
*
UL listed under the recognized component directory, file #E
195711
RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"
*
2012.10
WILLAS ELECTRONIC CORP.
.350(8.90)
.300(7.60)
~
~
.255(6.50)
.245(6.20)
.020
(0.50)
MIN.
.205(5.20)
.060
(1.50)
.135(3.40)
.102(2.60)
.165(4.80)
.155(3.90)
.195(5.00)
.346(8.8)
.307(7.8)
Features
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Low power loss, high efficiency.
High current capability, low forward voltage drop.
High surge capability.
Guardring for overvoltage protection.
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
•
•
•
•
•
•
•
•
Package outline
Mechanical data
Epoxy : UL94-V0 rated flame retardant
• Case : Molded plastic, SOD-123H
• Terminals :Plated terminals, solderable per MIL-STD-750
,
Method 2026
• Polarity : Indicated by cathode band
• Mounting Position : Any
• Weight : Approximated 0.011 gram
•
0.146(3.7)
0.130(3.3)
0.012(0.3) Typ.
0.071(1.8)
0.056(1.4)
0.040(1.0)
0.024(0.6)
0.031(0.8) Typ.
0.031(0.8) Typ.
Dimensions in inches and (millimeters)
SOD-123H
Pb Free Product
1.0A SURFACE MOUNT SCHOTTKY
SOD-123
PACKAGE
WILLAS
BARRIER RECTIFIERS -20V- 200V
FM120-M
THRU
FM1200-M
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
WILLAS ELECTRONIC CORP.
2012-06
 
RATINGS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Marking Code
12
13
14
15
16
18
10
115
120
Maximum Recurrent Peak Reverse Voltage
VRRM
Maximum RMS Voltage
VRMS
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
150
200
14
21
28
35
42
56
70
105
140
20
30
40
50
60
80
100
150
200
Volts
Volts
Volts
Maximum Average Forward Rectified Current
 
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IO
 
IFSM
1.0
 
30
Amps
 
Amps
Typical Thermal Resistance (Note 2)
RΘJA
Typical Junction Capacitance (Note 1)
CJ
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
 
 
-55 to +125
40
120
 
- 65 to +175
 
 
-55 to +150
℃/W
PF
℃
℃
 
CHARACTERISTICS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Maximum Forward Voltage at 1.0A DC
VF
0.50
0.70
0.85
0.9
0.92
Volts
@TA=25℃
0.5
Maximum Average Reverse Current at
Rated DC Blocking Voltage
@TA=125℃
IR
10
 
mAmps
 
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Thermal Resistance From Junction to Ambient
 
 
RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"
•
•


Similar Part No. - DB101

ManufacturerPart #DatasheetDescription
logo
Surge Components
DB101 SURGE-DB101 Datasheet
75Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE-50 to 1000 Volts?
logo
Wing Shing Computer Com...
DB101 WINGS-DB101 Datasheet
272Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Rectron Semiconductor
DB101 RECTRON-DB101 Datasheet
36Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Bytes
DB101 BYTES-DB101 Datasheet
147Kb / 2P
SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
Dc Components
DB101 DCCOM-DB101 Datasheet
375Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - DB101

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
HER101G RECTRON-HER101G Datasheet
29Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
logo
WILLAS ELECTRONIC CORP
1N4001 WILLAS-1N4001 Datasheet
262Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
DB101 WILLAS-DB101 Datasheet
528Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
1F1 WILLAS-1F1 Datasheet
503Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
1N4001 WILLAS-1N4001 Datasheet
262Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FFM101 WILLAS-FFM101 Datasheet
43Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
M1 WILLAS-M1 Datasheet
219Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
RL1N4001 WILLAS-RL1N4001 Datasheet
469Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
logo
PACELEADER INDUSTRIAL
FR101 PACELEADER-FR101 Datasheet
534Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
logo
Guangdong Youtai Semico...
RS1A UMW-RS1A Datasheet
205Kb / 3P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com