Electronic Components Datasheet Search
  English  ▼

X  

AD1843 Datasheet(PDF) 33 Page - Analog Devices

Part # AD1843
Description  Serial-Port 16-Bit SoundComm Codec
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1843 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD1843 Datasheet HTML 29Page - Analog Devices AD1843 Datasheet HTML 30Page - Analog Devices AD1843 Datasheet HTML 31Page - Analog Devices AD1843 Datasheet HTML 32Page - Analog Devices AD1843 Datasheet HTML 33Page - Analog Devices AD1843 Datasheet HTML 34Page - Analog Devices AD1843 Datasheet HTML 35Page - Analog Devices AD1843 Datasheet HTML 36Page - Analog Devices AD1843 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
AD1843
REV. 0
–33–
MNM4:0
Left and Right Mono Mix Gain/Attenuation Select. Least significant bit represents –1.5 dB.
00000 = +12.0 dB Gain
01000 = 0.0 dB
11111 = –34.5 dB Attenuation
ALLMM
All Mix Mute. Mutes all mixing (MIC, AUX1, AUX2, AUX3, and DAC2) to left and right DAC1, overriding the
independent mute control bits in Control Register Addresses 3 through 8.
0 = Mix to DAC1 Enabled
1 = Mix to DAC1 Muted
MNOM
Mono Output Mute
0 = Mono Output Enabled
1 = Mono Output Muted
HPOM
Headphone Output Mute (Left and Right)
0 = Headphone Output Enabled
1 = Headphone Output Muted
HPOS
Headphone Output Voltage Swing (Left and Right)
0 = 2 volts peak-to-peak
1 = 4 volts peak-to-peak
SUMM
Sum Left and Right Mute. Mutes mixing from SUML and SUMR pins to DAC1.
0 = SUML and SUMR Mix to DAC1 Enabled
1 = SUML and SUMR Mix to DAC1 Muted
DAC2T
DAC2 Gain/Attenuation Change Timing. This bit controls when changes to the DAC2 gain/attenuation setting
(Control Register 10) take effect. When set to “1,” changes take effect immediately. When reset to “0,” changes are
delayed until either the output level on DAC2 crosses zero (midscale), or until after a 10 to 12 ms time-out period is
reached. Delaying gain/attenuation changes until zero crossings reduces instantaneous output voltage changes, which
reduces audible “clicks.”
0 = Gain/Attenuation Changes Applied on Signal Zero Crossing or After a 10-12 ms Time-Out
1 = Gain/Attenuation Changes Applied Immediately
DAC1T
DAC1 Gain/Attenuation Change Timing. This bit controls when changes to the DAC1 gain/attenuation setting
(Control Register 9) take effect. When set to “1,” changes take effect immediately. When reset to “0,” changes are
delayed until either the output level on DAC1 crosses zero (midscale), or until after a 10 to 12 ms time-out period is
reached. Delaying gain/attenuation changes until zero crossings reduces instantaneous output voltage changes, which
reduces audible “clicks.”
0 = Gain/Attenuation Changes Applied on Signal Zero Crossing or After a 10-12 ms Time-Out
1 = Gain/Attenuation Changes Applied Immediately
res
Reserved for future expansion. To ensure future compatibility, write “0” to all reserved bits.
Initial default state after reset: 1000 1000 0110 1000 (8868 hex). Cleared to default and cannot be written to when:
the RESET pin is asserted LO; when the PWRDWN pin is asserted LO; or when the PDNO bit in Control Register
Address 0 is set to “1” (all conversions powered down). The MSB half (Data 15 through Data 8) of this Control Reg-
ister is cleared to default and cannot be written to also when: the AAMEN bit (analog input to analog mix disabled),
or the ANAEN bit (analog channels powered down) in Control Register 27 is reset to “0.”
Address 9
Output Control—DAC1 Analog Gain/Attenuation
Data 15
Data 14
Data 13
Data 12
Data 11
Data 10
Data 9
Data 8
LDA1GM
res
LDA1G5
LDA1G4
LDA1G3
LDA1G2
LDA1G1
LDA1G0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
RDA1GM
res
RDA1G5
RDA1G4
RDA1G3
RDA1G2
RDA1G1
RDA1G0
LDA1GM
Left DAC1 Analog Mute
0 = Left DAC1 Enabled
1 = Left DAC1 Muted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com