Electronic Components Datasheet Search
  English  ▼

X  

SP1640C Datasheet(PDF) 1 Page - WILLAS ELECTRONIC CORP

Part # SP1640C
Description  16.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

SP1640C Datasheet(HTML) 1 Page - WILLAS ELECTRONIC CORP

  SP1640C Datasheet HTML 1Page - WILLAS ELECTRONIC CORP SP1640C Datasheet HTML 2Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ITO-220
ITO-220
Dimensions in inches and (millimeters)
Mechanical Date
‧Case:ITO-220
‧Case Material: Molded Plastic, UL Flammability
Classification Rating 94V-0
‧Terminals: Matte Tin Finish annealed over copper
Lead frame. Solderable per MIL-STD-202
‧Weight: 1.
grams (approximate)
Features
‧Guard Ring for over voltage Protection
‧High forward surge capability
‧High frequency operation
‧Component in accordance to RoHS 2002/95/EC
‧
16.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
ITO-220 PACKAGE
S
P1640C
THRU
S
P16200C
WILLAS ELECTRONIC CORP.
201
2-09
MAXIMUM RATINGS (TA=25°C unless otherwise noted)
PARAMETER
SYMBOL
SP1640C
SP1660C
SP16100C
SP16150C
SP16200C UNIT
Maximum repetitive peak reverse voltage
VRRM
40
60
100
150
200
V
Maximum RMS voltage
VRMS
28
42
70
105
140
V
Maximum DC blocking voltage
VDC
40
60
100
150
200
V
Maximum average forward rectified current(Total)
(Per Leg)
IF
16
8
A
Peak forward surge current, 8.3ms single half
sine-wave superimposed on rated load
IFSM
125.0
A
Maximum Instantaneous IF=8A @ 25°C
Forward Voltage
IF=8A @ 100°C
VF
0.55
0.52
0.70
0.60
0.85
0.70
0.92
0.80
V
Maximum DC Reverse Current @ Tc=25°C
at Rated DC Blocking Voltage @ Tc=100°C
IR
0.5
30
0.2
10
mA
Typical Junction Capacitance(NOTE1)
Cj
450
350
250
200
150
pF
Typical Thermal Resistance
RθJC
3
°C/W
Operating Temperature Range
TJ
-55 to +125
-55 to +150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
NOTES:1.Measured at 1.0MHZ and applied reverse voltage of 4.0V DC
.035(1.00)
.022(0.55)
.067(1.70)
.039(1.00)
.189(4.80)
.169(4.30)
.134(3.40)
.110(2.54)
.031(0.80)
.015(0.38)
.114(2.90)
.098(2.50)
.138(3.50)
.118(3.00)
.560(14.22)
.492(12.50)
.406(10.30)
.382(9.70)
.642(16.30)
.571(14.50)
.108(2.75)
.091(2.30)
.114(2.90)
.098(2.50)
.171(4.35)
.138(3.50)
MAX.(1.80)
Pb-Free package is available
RoHS product for packing code suffix ”G”
Halogen free product for packing code suffix “H”
Features
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Low power loss, high efficiency.
High current capability, low forward voltage drop.
High surge capability.
Guardring for overvoltage protection.
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
•
•
•
•
•
•
•
•
Package outline
Mechanical data
Epoxy : UL94-V0 rated flame retardant
• Case : Molded plastic, SOD-123H
• Terminals :Plated terminals, solderable per MIL-STD-750
,
Method 2026
• Polarity : Indicated by cathode band
• Mounting Position : Any
• Weight : Approximated 0.011 gram
•
0.146(3.7)
0.130(3.3)
0.012(0.3) Typ.
0.071(1.8)
0.056(1.4)
0.040(1.0)
0.024(0.6)
0.031(0.8) Typ.
0.031(0.8) Typ.
Dimensions in inches and (millimeters)
SOD-123H
Pb Free Product
1.0A SURFACE MOUNT SCHOTTKY
SOD-123
PACKAGE
WILLAS
BARRIER RECTIFIERS -20V- 200V
FM120-M
THRU
FM1200-M
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
WILLAS ELECTRONIC CORP.
201
2-06
 
RATINGS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Marking Code
12
13
14
15
16
18
10
115
120
Maximum Recurrent Peak Reverse Voltage
VRRM
Maximum RMS Voltage
VRMS
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
150
200
14
21
28
35
42
56
70
105
140
20
30
40
50
60
80
100
150
200
Volts
Volts
Volts
Maximum Average Forward Rectified Current
 
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IO
 
IFSM
1.0
 
30
Amps
 
Amps
Typical Thermal Resistance (Note 2)
RΘJA
Typical Junction Capacitance (Note 1)
CJ
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
 
 
-55 to +125
40
120
 
- 65 to +175
 
 
-55 to +150
℃/W
PF
℃
℃
 
CHARACTERISTICS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Maximum Forward Voltage at 1.0A DC
VF
0.50
0.70
0.85
0.9
0.92
Volts
@TA=25℃
0.5
Maximum Average Reverse Current at
Rated DC Blocking Voltage
@TA=125℃
IR
10
 
mAmps
 
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Thermal Resistance From Junction to Ambient
 
 
RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"
•
•


Similar Part No. - SP1640C

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SP1640C PACELEADER-SP1640C Datasheet
476Kb / 2P
16.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
More results

Similar Description - SP1640C

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SP2040C WILLAS-SP2040C Datasheet
374Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V -200V
SR840 WILLAS-SR840 Datasheet
463Kb / 2P
8.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SR1040C WILLAS-SR1040C Datasheet
317Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SR1040 WILLAS-SR1040 Datasheet
543Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SR1640C WILLAS-SR1640C Datasheet
465Kb / 2P
16.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SR2040C WILLAS-SR2040C Datasheet
367Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
logo
E-CMOS Corporation
ECC1620C-D2 E-CMOS-ECC1620C-D2 Datasheet
415Kb / 6P
16.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
logo
PACELEADER INDUSTRIAL
SP1640C PACELEADER-SP1640C Datasheet
476Kb / 2P
16.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SR2040C PACELEADER-SR2040C Datasheet
485Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SR1640C PACELEADER-SR1640C Datasheet
467Kb / 2P
16.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com