Electronic Components Datasheet Search
  English  ▼

X  

COM-45SP Datasheet(PDF) 1 Page - AAEON Technology

Part # COM-45SP
Description  COM Express Type 2 CPU Module With Intel Core 2 Duo/ Celeron M (Socket-P Based) Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

COM-45SP Datasheet(HTML) 1 Page - AAEON Technology

  COM-45SP Datasheet HTML 1Page - AAEON Technology COM-45SP Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Note: All specifications are subject to change without notice.
05-7
05
Features
Specifications
COM-45SP
Intel® Core™ 2 Duo/ Celeron® M (Socket-P Based)
■
■
Processor
Intel® GM45 + ICH9M
■
■
Dual-channel DDR3 SODIMM 800/1066 Memory, Max. 8 GB
■
■
Gigabit Ethernet
■
■
CRT, Up To 24-bit Dual-channel LVDS LCD, DisplayPort™,
■
■
HDMI, DVI, SDVO
High Definition Audio Interface
■
■
SATA 3.0Gb/s x 4
■
■
USB2.0 x 8
■
■
PCI x 4, PCI-Express [x16] x 1, PCI-Express [x1] x 5
■
■
Wide DC Input Range, +8.5V To +19V (Optional)
■
■
COM Express Basic Module, Pin-out Type 2, COM.0 Rev. 1.0
■
■
COM Express Type 2 CPU Module With Intel® Core™ 2 Duo/ Celeron® M (Socket-P Based) Processor
M2.5 Screw x 5
•
Product CD
•
COM-45SP
•
Packing List
System
Form Factor
COM Express basic module, Pin-out Type 2, COM.0 Rev. 1.0
Processor
Intel® Core™ 2 Duo/ Celeron® M (Socket-P based 35mm x 35mm) processor
System Memory
204-pin DDR3 SODIMM x 2, Max. 8 GB (DDR3 800/1066),
supports dual-channel function
Chipset
Intel® GM45 + ICH9M
I/O Chipset
ICH9M
Ethernet
Intel® 82567LM, 10/100/1000Base-TX
TPM
v1.2
BIOS
Award BIOS v8.0
SPI type, 2 MB ROM
EEPROM
Atmel® AT24C02, save BIOS and configuration data (Optional)
Wake on LAN
Yes
Watchdog Timer
Fintek F75111
H/W Status Monitoring
Supports CPU temperature monitoring
Expansion Interface
PCI-Express [x16] x 1 (Shared with 2 SDVOs/ 3 DisplayPorts/ 2 HDMIs/ 2 DVIs)
==> Can be configured as PCI-Express [x1]/ [x2]/ [x4]/ [x8]
PCI-Express [x1] x 5
32-bit PCI x 4
LPC bus x 1
SMBus x 1
I2C x 1
Power Requirement
Wide DC input range, +8.5V to +19V (Optional)
Nominal: +12V
2-pin wafer for RTC battery
Power Consumption
(Typical)
Intel® T9400 2.53 GHz, DDR3 1066 2 GB
3.94A @ +12V, 0.38A @ +5V (w/ECD-916M)
Board Size
4.92"(L) x 3.74"(W) (125mm x 95mm)
Gross Weight
0.66 lb (0.3 Kg)
Operating Temperature
32°F ~ 140°F (0°C ~ 60°C)
Storage Temperature
-40°F ~ 176°F (-40°C ~ 80°C)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
MTBF (Hours)
85,000
Display
Supports CRT/LCD, CRT/DVI, LCD/DVI simultaneous/ dual view displays
Chipset
Intel® GM45 integrated
Integrates hardware MPEG2 decoder
Supports WMV9 (VC-1) and H.264 (AVC)
Memory
Shared system memory up to 512 MB/ DVMT 5.0
Resolution
Up to 2048 x 1536 (QXGA) for CRT
Up to 1920x 1200 (QXGA) for LCD
LCD Interface
Up to 24-bit dual-channel LVDS
SDVO
Supports SDVO x 2 (Shared with PCI-Express [x16])
HDMI
Supports HDMI x 2 (Shared with PCI-Express [x16], needs to add a level shifter)
DVI
Supports DVI x 2 (Shared with PCI-Express [x16], needs to add a level shifter)
DisplayPort
Supports DisplayPort™ x 3 (Shared with PCI-Express [x16])
I/O
Storage
SATA 3.0Gb/s x 4
USB
USB2.0 x 8
Audio
High definition audio
GPIO
Up to 4 in or 4 out
Dual-channel DDR3 SODIMM
μFC-PGA
(Socket P)
ICH9M
2-pin Wafer for
RTC Battery
GM45
Intel®
82567LM
Gigabit
Ethernet


Similar Part No. - COM-45SP

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
COM-45GS AAEON-COM-45GS Datasheet
323Kb / 2P
Onboard Intel짰 Core??2 Duo/ Celeron짰 M Processor
More results

Similar Description - COM-45SP

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5786 ADVANTECH-SOM-5786 Datasheet
354Kb / 2P
Intel짰 Core??2 Duo GME965 COM-Express CPU Module
logo
AAEON Technology
COM-945 AAEON-COM-945 Datasheet
238Kb / 2P
COM Express Type 2 CPU Module with Intel Core 2 Duo/ Core Duo/ Celeron M (Socket-M Based) Processor
EPIC-9456 AAEON-EPIC-9456 Datasheet
338Kb / 2P
EPIC Board with Socket-478M Intel Core 2 Duo/ Core Duo/ Celeron M (65nm) Processor
PCM-9452 AAEON-PCM-9452 Datasheet
358Kb / 2P
Compact Board with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
logo
BOSER Technology Co., L...
HS-1760 BOSER-HS-1760 Datasheet
97Kb / 1P
Intel Core 2 Duo/Celeron M processor
logo
AAEON Technology
EMB-945T AAEON-EMB-945T Datasheet
373Kb / 2P
Embedded Motherboard with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
EMB-9458T AAEON-EMB-9458T Datasheet
296Kb / 2P
Embedded Motherboard with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
EMB-9658T AAEON-EMB-9658T Datasheet
324Kb / 2P
Embedded Motherboard with Intel Core 2 Duo/ Celeron M (Socket-P Based) Processor
logo
List of Unclassifed Man...
EMETXE-I9455 ETC2-EMETXE-I9455 Datasheet
289Kb / 2P
Intel Core 2 Duo COM Express Basic Type 2 CPU Module
EMETXE-I9652 ETC2-EMETXE-I9652 Datasheet
302Kb / 2P
Intel Core 2 Duo COM Express Basic Type 2 CPU Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com