Electronic Components Datasheet Search
  English  ▼

X  

COM-945 Datasheet(PDF) 2 Page - AAEON Technology

Part # COM-945
Description  COM Express Type 2 CPU Module with Intel Core 2 Duo/ Core Duo/ Celeron M (Socket-M Based) Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

COM-945 Datasheet(HTML) 2 Page - AAEON Technology

  COM-945 Datasheet HTML 1Page - AAEON Technology COM-945 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
05-22
Dimension
Unit: mm
COM-945
Ordering Information
TF-ECB-916M-A10-01
•
COM Express Carrier Board, microATX, Dual Gigabit Ethernet, 7.1CH Audio, 4 COM, USB, PCI-Express, AT/ATX, Rev. A1.0
TF-PER-A078
•
CPU Cooler, For COM-945, Socket-type CPU, 12V Fan
TF-PER-A076
•
Passive Heatsink, For COM-945, Socket-type CPU
TF-PER-A086
•
Heat Spreader Kit, For COM-945, Socket-type CPU
Optional Accessories
Part Number
COM Express Type
CPU
Memory
Display
LVDS
Storage
LAN
USB
URAT
Expansion Slot Power
Temp
TF-COM-945-A20
2 (COM.0 Rev.1.0)
Intel® Core™2 Duo Mobile
(Socket M)
DDR2 SODIMM x 1
Max.2GB
CRT, LVDS, SDVO
24-bit dual channel
SATA2 x 2
PATA x 1
GbE x 1
USB2.0 x 8 —
PCI-E[16] x 1
PCI-E[1] x 3
32-bit PCI x 4
12V
0°C ~ 60°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com