Electronic Components Datasheet Search
  English  ▼

X  

AD1849K Datasheet(PDF) 6 Page - Analog Devices

Part # AD1849K
Description  Serial-Port 16-Bit SoundPort Stereo Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1849K Datasheet(HTML) 6 Page - Analog Devices

Back Button AD1849K Datasheet HTML 2Page - Analog Devices AD1849K Datasheet HTML 3Page - Analog Devices AD1849K Datasheet HTML 4Page - Analog Devices AD1849K Datasheet HTML 5Page - Analog Devices AD1849K Datasheet HTML 6Page - Analog Devices AD1849K Datasheet HTML 7Page - Analog Devices AD1849K Datasheet HTML 8Page - Analog Devices AD1849K Datasheet HTML 9Page - Analog Devices AD1849K Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD1849K
REV. 0
–6–
ABSOLUTE MAXIMUM RATINGS*
Min
Max
Units
Power Supplies
Digital (VDD)
–0.3
6.0
V
Analog (VCC)
–0.3
6.0
V
Input Current
(Except Supply Pins and MOUT,
±10.0
mA
MOUTR, LOUT1R, LOUT1L,
LOUT1C)
Analog Input Voltage (Signal Pins)
–0.3
(VCC+) + 0.3 V
Digital Input Voltage (Signal Pins)
–0.3
(VDD+) + 0.3 V
Ambient Temperature (Operating)
0
+70
°C
Storage Temperature
–65
+150
°C
ESD Tolerance (Human Body
500
V
Model per Method 3015.2
of MIL-STD-883B)
WARNING: CMOS device. May be susceptible to high voltage
transient-induced latchup.
*Stresses greater than those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD1849KP
0
°C to +70°C
44-Lead PLCC
P-44A
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD1849K features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
44-Lead Plastic Leaded Chip Carrier Pinout
0.656 (16.66)
0.650 (16.51)
SQ
0.695 (17.65)
0.685 (17.40)
SQ
0.048 (1.21)
0.042 (1.07)
0.048 (1.21)
0.042 (1.07)
40
6
TOP VIEW
39
29
18
17
PIN 1
IDENTIFIER
7
28
0.032 (0.81)
0.026 (0.66)
0.021 (0.53)
0.013 (0.33)
0.056 (1.42)
0.042 (1.07)
0.025 (0.63)
0.015 (0.38)
0.180 (4.57)
0.165 (4.19)
0.63 (16.00)
0.59 (14.99)
0.110 (2.79)
0.085 (2.16)
0.040 (1.01)
0.025 (0.64)
0.050
(1.27)
BSC
0.020 (0.50) R
PIN 1
IDENTIFIER
BOTTOM VIEW
44-Lead TQFP
AD1849KST
SoundPort®
STEREO CODEC
23
24
25
26
27
28
29
30
31
32
33
V
DD
PIO0
N/C
LOUT0R
LOUT0L
LOUT1L
LOUT1C
PIO1
LOUT1R
GNDD
1
2
3
4
5
6
7
8
9
10
11
COUT1
GNDD
COUT2
PDN
C0
MINR
LINR
MINL
CIN2
V
DD
36
35
34
44
43
42
41
40
39
38
37
12
13
14
15
16
17
18
19
20
21
22
N/C = NO CONNECT
RESET
D/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com