Electronic Components Datasheet Search
  English  ▼

X  

AD1851 Datasheet(PDF) 7 Page - Analog Devices

Part # AD1851
Description  16-Bit/18-Bit, 16 X Fs PCM Audio DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1851 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD1851 Datasheet HTML 3Page - Analog Devices AD1851 Datasheet HTML 4Page - Analog Devices AD1851 Datasheet HTML 5Page - Analog Devices AD1851 Datasheet HTML 6Page - Analog Devices AD1851 Datasheet HTML 7Page - Analog Devices AD1851 Datasheet HTML 8Page - Analog Devices AD1851 Datasheet HTML 9Page - Analog Devices AD1851 Datasheet HTML 10Page - Analog Devices AD1851 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD1851/AD1861
REV. A
–7–
AD1851 DIGITAL CIRCUIT CONSIDERATIONS
AD1851 Input Data
Data is transmitted to the AD1851 in a bit stream composed of
16-bit words with a serial, MSB first format. Three signals
must be present to achieve proper operation. They are the
Data, Clock and Latch Enable (LE) signals. Input data bits are
clocked into the input register on the rising edge of the Clock
signal. The LSB is clocked in on the 16th clock pulse. When all
data bits are loaded, a low-going Latch Enable pulse updates
the DAC input. Figure 5 illustrates the general signal require-
ments for data transfer to the AD1851.
DATA
CLOCK
LATCH
S
M
B
L
S
B
Figure 5. Signal Requirements for AD1851
Figure 6 illustrates the specific timing requirements that must
be met in order for the data transfer to be accomplished prop-
erly. The input pins of the AD1851 are both TTL and 5 V
CMOS compatible. The input requirements illustrated in Fig-
ures 5 and 6 are compatible with data outputs provided by
popular DSP filter chips used in digital audio playback systems.
The AD1851 input clock can run at a 12.5 MHz rate. This
clock rate will allow data transfer rates for 2 , 4
or 8
or
16
oversampling reconstructions.
>40ns
>40ns
>30ns
>30ns
>15ns
>40ns
DATA
CLOCK
LATCH
>15ns
>30ns
>80.0ns
>15ns
Figure 6. Timing Relationships of AD1851 Input Signals
AD1861 DIGITAL CIRCUIT CONSIDERATIONS
AD1861 Input Data
Data is transmitted to the AD1861 in a bit stream composed of
18-bit words with a serial, MSB first format. Three signals
must be present to achieve proper operation. They are the
Data, Clock and Latch Enable (LE) signals. Input data bits are
clocked into the input register on the rising edge of the Clock
signal. The LSB is clocked in on the 18th clock pulse. When all
data bits are loaded, a low-going Latch Enable pulse updates
the DAC input. Figure 7 illustrates the general signal require-
ments for data transfer to the AD1861.
DATA
CLOCK
LATCH
L
S
B
M
B
S
Figure 7. Signal Requirements for AD1861
Figure 8 illustrates the specific timing requirements that must
be met in order for the data transfer to be accomplished prop-
erly. The input pins of the AD1861 are both TTL and 5 V
CMOS compatible. The input requirements illustrated in Fig-
ures 7 and 8 are compatible with data outputs provided by
popular DSP filter chips used in digital audio playback systems.
The AD1861 input clock can run at a 13.5 MHz rate. This
clock rate will allow data transfer rates for 2 , 4
or 8
or
16
oversampling reconstructions.
>40ns
>40ns
>30ns
>30ns
>15ns
>40ns
DATA
CLOCK
LATCH
>15ns
>30ns
>74.1ns
>15ns
Figure 8. Timing Relationships of AD1861 Input Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com