Electronic Components Datasheet Search
  English  ▼

X  

AD1852 Datasheet(PDF) 1 Page - Analog Devices

Part # AD1852
Description  Stereo, 24-Bit, 192 kHz Multibit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1852 Datasheet(HTML) 1 Page - Analog Devices

  AD1852 Datasheet HTML 1Page - Analog Devices AD1852 Datasheet HTML 2Page - Analog Devices AD1852 Datasheet HTML 3Page - Analog Devices AD1852 Datasheet HTML 4Page - Analog Devices AD1852 Datasheet HTML 5Page - Analog Devices AD1852 Datasheet HTML 6Page - Analog Devices AD1852 Datasheet HTML 7Page - Analog Devices AD1852 Datasheet HTML 8Page - Analog Devices AD1852 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD1852*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
Stereo, 24-Bit, 192 kHz
Multibit
Σ∆ DAC
FEATURES
5 V Stereo Audio DAC System
Accepts 16-Bit/18-Bit/20-Bit/24-Bit Data
Supports 24 Bits, 192 kHz Sample Rate
Accepts a Wide Range of Sample Rates Including:
32 kHz, 44.1 kHz, 48 kHz, 88.2 kHz, 96 kHz, and
192 kHz
Multibit Sigma-Delta Modulator with “Perfect
Differential Linearity Restoration” for Reduced Idle
Tones and Noise Floor
Data-Directed Scrambling DAC—Least Sensitive to
Jitter
Differential Output for Optimum Performance
117 dB Signal-to-Noise (Not Muted) at 48 kHz Sample
Rate (A-Weighted Mono)
114 dB Signal-to-Noise (Not Muted) at 48 kHz Sample
Rate (A-Weighted Stereo)
117 dB Dynamic Range (Not Muted) at 48 kHz Sample
Rate (A-Weighted Mono)
114 dB Dynamic Range (Not Muted) at 48 kHz Sample
Rate (A-Weighted Stereo)
–105 dB THD+N (Mono Application Circuit)
–102 dB THD+N (Stereo)
115 dB Stopband Attenuation
On-Chip Clickless Volume Control
Hardware and Software Controllable Clickless Mute
Serial (SPI) Control for: Serial Mode, Number of Bits,
Sample Rate, Volume, Mute, De-Emp
Digital De-Emphasis Processing for 32 kHz, 44.1 kHz,
48 kHz Sample Rates
Clock Autodivide Circuit Supports Five Master-Clock
Frequencies
*Patents Pending
FUNCTIONAL BLOCK DIAGRAM
SERIAL
DATA
INTERFACE
8
FS
INTERPOLATOR
SERIAL CONTROL
INTERFACE
AUTO-CLOCK
DIVIDE CIRCUIT
VOLUME
MUTE
CONTROL DATA
INPUT
3
2
DIGITAL
SUPPLY
CLOCK
IN
ANALOG
OUTPUTS
2
2
ZERO
FLAG
ANALOG
SUPPLY
DE-EMPHASIS
MUTE
RESET
2
SERIAL
MODE
16-/18-/20-/24-BIT
DIGITAL
DATA INPUT
AD1852
MULTIBIT SIGMA-
DELTA MODULATOR
ATTEN/
MUTE
DAC
MULTIBIT SIGMA-
DELTA MODULATOR
8
FS
INTERPOLATION
ATTEN/
MUTE
VOLTAGE
REFERENCE
DAC
Flexible Serial Data Port with Right-Justified, Left-
Justified, I2S-Compatible and DSP Serial Port Modes
28-Lead SSOP Plastic Package
APPLICATIONS
Hi End: DVD, CD, Home Theater Systems, Automotive
Audio Systems, Sampling Musical Keyboards, Digital
Mixing Consoles, Digital Audio Effects Processors
PRODUCT OVERVIEW
The AD1852 is a complete high performance single-chip stereo
digital audio playback system. It is comprised of a multibit sigma-
delta modulator, digital interpolation filters, and analog output
drive circuitry. Other features include an on-chip stereo attenuator
and mute, programmed through an SPI-compatible serial control
port. The AD1852 is fully compatible with all known DVD
formats including 192 kHz as well as 96 kHz sample frequen-
cies and 24 bits. It also is backwards compatible by supporting
50
µs/15 µs digital de-emphasis intended for “Redbook” compact
discs, as well as de-emphasis at 32 kHz and 48 kHz sample rate.
The AD1852 has a very simple but very flexible serial data input
port that allows for glueless interconnection to a variety of ADCs,
DSP chips, AES/EBU receivers and sample rate converters. The
AD1852 can be configured in left-justified, I
2S, right-justified,
or DSP serial port compatible modes. It can support 16, 18, 20,
and 24 bits in all modes. The AD1852 accepts serial audio data
in MSB first, twos-complement format. The AD1852 oper-
ates from a single 5 V power supply. It is fabricated on a single
monolithic integrated circuit and is housed in a 28-lead SSOP
package for operation over the temperature range 0
°C to 70°C.


Similar Part No. - AD1852

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1852 AD-AD1852 Datasheet
501Kb / 20P
Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
Rev. A
AD1852JRSZ AD-AD1852JRSZ Datasheet
515Kb / 20P
Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
REV. A
AD1852JRSZ AD-AD1852JRSZ Datasheet
501Kb / 20P
Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
Rev. A
AD1852JRSZRL AD-AD1852JRSZRL Datasheet
515Kb / 20P
Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
REV. A
AD1852JRSZRL AD-AD1852JRSZRL Datasheet
501Kb / 20P
Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
Rev. A
More results

Similar Description - AD1852

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1853 AD-AD1853 Datasheet
416Kb / 16P
Stereo, 24-Bit, 192 kHz, Multibit DAC
AD1855 AD-AD1855 Datasheet
233Kb / 15P
Stereo, 96 kHz, Multibit DAC
logo
Cirrus Logic
CS4340A CIRRUS-CS4340A Datasheet
628Kb / 20P
24-Bit, 192 kHz Stereo DAC for Audio?
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
24 BIT 192 KHZ STEREO DAC
logo
Analog Devices
AD1833A AD-AD1833A Datasheet
687Kb / 20P
24-Bit, 192 kHz, DAC
REV.0
logo
Cirrus Logic
CS4340A CIRRUS-CS4340A_05 Datasheet
695Kb / 21P
24-Bit, 192 kHz Stereo DAC for Audio
logo
Analog Devices
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
AD1852JRSZRL AD-AD1852JRSZRL Datasheet
515Kb / 20P
Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
REV. A
AD1852 AD-AD1852_15 Datasheet
501Kb / 20P
Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
REV. A
AD1853 AD-AD1853_15 Datasheet
358Kb / 16P
Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com