Electronic Components Datasheet Search
  English  ▼

X  

AD1854 Datasheet(PDF) 2 Page - Analog Devices

Part # AD1854
Description  Stereo, 96 kHz, Multibit DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1854 Datasheet(HTML) 2 Page - Analog Devices

  AD1854 Datasheet HTML 1Page - Analog Devices AD1854 Datasheet HTML 2Page - Analog Devices AD1854 Datasheet HTML 3Page - Analog Devices AD1854 Datasheet HTML 4Page - Analog Devices AD1854 Datasheet HTML 5Page - Analog Devices AD1854 Datasheet HTML 6Page - Analog Devices AD1854 Datasheet HTML 7Page - Analog Devices AD1854 Datasheet HTML 8Page - Analog Devices AD1854 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
–2–
REV. A
AD1854–SPECIFICATIONS
TEST CONDITIONS UNLESS OTHERWISE NOTED
Supply Voltages (AVDD, DVDD)
5.0 V
Ambient Temperature
25
°C
Input Clock
12.288 MHz (256
× F
S Mode)
Input Signal
1.0013 kHz
–0.5 dB Full Scale
Input Sample Rate
48 kHz
Measurement Bandwidth
20 Hz to 20 kHz
Word Width
20 Bits
Load Capacitance
100 pF
Load Impedance
47 k
Ω
Input Voltage HI
2.4 V
Input Voltage LO
0.8 V
Performance of right and left channels are identical (exclusive of the Interchannel Gain Mismatch and Interchannel Phase Deviation specifications).
ANALOG PERFORMANCE
Min
Typ
Max
Unit
Resolution
20
Bits
Signal-to-Noise Ratio (20 Hz to 20 kHz)
No Filter (AD1854JRS)
105
dB
No Filter (AD1854KRS)
110
dB
With A-Weighted Filter (AD1854JRS)
108
dB
With A-Weighted Filter (AD1854KRS)
112
dB
Dynamic Range (20 Hz to 20 kHz, –60 dB Input)
No Filter (AD1854JRS)
105
dB
No Filter (AD1854KRS)
106
110
dB
With A-Weighted Filter (AD1854JRS)
108
dB
With A-Weighted Filter (AD1854KRS)
108
113
dB
Total Harmonic Distortion + Noise (AD1854JRS) VO = 0 dB
–88
–97
dB
Total Harmonic Distortion + Noise (AD1854KRS) VO = 0 dB
–94
–101
dB
Total Harmonic Distortion + Noise (AD1854JRS and
–89
dB
AD1854KRS) VO = –20 dB
Total Harmonic Distortion + Noise (AD1854JRS and
–49
dB
AD1854KRS) VO = –60 dB
Analog Outputs
Differential Output Range (
±Full Scale)
5.6
V p-p
Output Impedance at Each Output Pin
<200
Ω
Output Capacitance at Each Output Pin
20
pF
Out-of-Band Energy (0.5
× F
S to 100 kHz)
–72.5
dB
CMOUT
2.25
V
DC Accuracy
Gain Error
–11.0
±3.0
+11.0
%
Interchannel Gain Mismatch
–0.15
+0.15
dB
Gain Drift
200
300
ppm/
°C
Interchannel Crosstalk (EIAJ Method)
–120
dB
Interchannel Phase Deviation
±0.1
Degrees
Mute Attenuation
–100
dB
De-Emphasis Gain Error
±0.1
dB
DIGITAL I/O (0 C to 70 C)
Min
Typ
Max
Unit
Input Voltage HI (VIH)
2.2
V
Input Voltage LO (VIL)
0.8
V
High Level Output Voltage (VOH) IOH = 1 mA
2.0
V
Low Level Output Voltage (VOL) IOL = 1 mA
0.4
V
Input Leakage (IIH @ VIH = 2.4 V)
10
µA
Input Leakage (IIL @ VIL = 0.8 V)
10
µA
Input Capacitance
20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com