Electronic Components Datasheet Search
  English  ▼

X  

AD1866N Datasheet(PDF) 10 Page - Analog Devices

Part # AD1866N
Description  Single Supply Dual 16-Bit Audio DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1866N Datasheet(HTML) 10 Page - Analog Devices

Back Button AD1866N Datasheet HTML 4Page - Analog Devices AD1866N Datasheet HTML 5Page - Analog Devices AD1866N Datasheet HTML 6Page - Analog Devices AD1866N Datasheet HTML 7Page - Analog Devices AD1866N Datasheet HTML 8Page - Analog Devices AD1866N Datasheet HTML 9Page - Analog Devices AD1866N Datasheet HTML 10Page - Analog Devices AD1866N Datasheet HTML 11Page - Analog Devices AD1866N Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD1866
REV. 0
–10–
20
1
2
3
4
5
6
7
8
10
11
12
13
14
28
27
26
25
24
23
22
21
19
18
16
15
17
BCKO
WCKO
DOL
DOR
OW18
OW20
SM5813
15
14
13
12
11
10
16
9
1
2
3
4
5
6
8
7
LOW-
PASS
FILTER
LEFT
CHANNEL
OUTPUT
RIGHT
CHANNEL
OUTPUT
+5V POWER
SUPPLY
AD1866
LL
DL
CLK
DR
LR
DGND
NRL
AGND
NRR
9
LOW-
PASS
FILTER
COB
V
O
R
V
B
RV
S
V
O
L
V
S
V
B
L
V
L
V
DD
V
SS
2
V
SS
1
Figure 12. AD1866 with NPC SM5813 Digital Filter
15
14
13
12
11
10
16
9
1
2
3
4
5
6
8
7
LOW
PASS
FILTER
LOW
PASS
FILTER
LEFT
CHANNEL
OUTPUT
RIGHT
CHANNEL
OUTPUT
1
2
3
4
5
6
7
8
15
14
13
12
11
10
16
9
BCKO
WDCO
DOR
DOL
SM5818AP
OMOD1
+5V POWER
SUPPLY
AD1866
LL
DL
CLK
DR
LR
DGND
NRL
AGND
NRR
V
O
L
V
S
V
B
L
V
B
R
V
L
V
S
V
SS
V
DD
V
O
R
Figure 13. AD1866 with NPC SM5818AP Digital Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com