Electronic Components Datasheet Search
  English  ▼

X  

LE24L042CS Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LE24L042CS
Description  Two Wire Serial Interface EEPROM (4k EEPROM)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE24L042CS Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LE24L042CS Datasheet HTML 1Page - Sanyo Semicon Device LE24L042CS Datasheet HTML 2Page - Sanyo Semicon Device LE24L042CS Datasheet HTML 3Page - Sanyo Semicon Device LE24L042CS Datasheet HTML 4Page - Sanyo Semicon Device LE24L042CS Datasheet HTML 5Page - Sanyo Semicon Device LE24L042CS Datasheet HTML 6Page - Sanyo Semicon Device LE24L042CS Datasheet HTML 7Page - Sanyo Semicon Device LE24L042CS Datasheet HTML 8Page - Sanyo Semicon Device LE24L042CS Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LE24L042CS
Functional Description
1 Start condition
When the SCL line is at the high level, the start condition is established by changing the SDA line from high to low.
The operation of the EEPROM as a slave starts in the start condition.
2 Stop condition
When the SCL line is at the high level, the stop condition is established by changing the SDA line from low to high.
When the device is set up for the read sequence, the read operation is suspended when the stop condition is received,
and the device is set to standby mode. When it is set up for the write sequence, the capture of the write data is ended
when the stop condition is received, and the EEPROM internal write operation is started.
Stop
condition
Start
condition
SCL
SDA
tSU.STA
tHD.STA
tSU.STO
3 Data transfer
Data is transferred by changing the SDA line while the SCL line is low. When the SDA line is changed while the SCL
line is high, the resulting condition will be recognized as the start or stop condition.
SCL
SDA
tSU.DAT
tHD.DAT
No.A1440-5/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com