Electronic Components Datasheet Search
  English  ▼

X  

LE24LB642CS Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LE24LB642CS
Description  Two Wire Serial Interface EEPROM (64k EEPROM)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE24LB642CS Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LE24LB642CS Datasheet HTML 2Page - Sanyo Semicon Device LE24LB642CS Datasheet HTML 3Page - Sanyo Semicon Device LE24LB642CS Datasheet HTML 4Page - Sanyo Semicon Device LE24LB642CS Datasheet HTML 5Page - Sanyo Semicon Device LE24LB642CS Datasheet HTML 6Page - Sanyo Semicon Device LE24LB642CS Datasheet HTML 7Page - Sanyo Semicon Device LE24LB642CS Datasheet HTML 8Page - Sanyo Semicon Device LE24LB642CS Datasheet HTML 9Page - Sanyo Semicon Device LE24LB642CS Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
LE24LB642CS
5 Device addressing
For the purposes of communication, the master device in the system generates the start condition for the slave device.
Communication with a particular slave device is enabled by sending along the SDA bus the device address, which is
7-bits long, and the read/write command code, which is 1 bit long, immediately following the start condition.
The upper four bits of the device address are called the device code which, for this product, is fixed as “1010.” This
device has the upper 3-bit of the Slave Device address as the Slave address (S0, S1, S2), which fixed on the inside.
The value of Slave address are S0=0, S1=0, S2=0.
When the device code input from SDA and the slave addresses are compared with the product’s device code and slave
addresses that were set at the mounting stage and found to match, the product sends the acknowledge signal during
the ninth clock cycle period, and initiates the read or write operation in accordance with the read or write command
code. If they do not match, the EEPROM returns to standby mode. When a read operation is performed immediately
after the slave device has been switched, the random read command must be used.
No.A1464-6/11
6 EEPROM write operation
6-1. Byte writing
When the EEPROM receives the 7-bit device address and write command code "0" after the start condition, it
generates an acknowledge signal. After this, if it receives 3-bit don’t-care bits and a 13-bit word address, generates an
acknowledge signal, receives the 8-bit writing data, and generates an acknowledge signal when it receives the stop
condition, the rewrite operation of the EEPROM in the designated memory address will start. Rewriting is completed
in the tWC period after the stop condition. During an EEPROM rewrite operation, no input is accepted and no
acknowledge signals are generated.
6-2. Page writing
This product enables pages with up to 32 bytes to be written. The basic data transfer procedure is the same as for byte
writing: Following the start condition, the 9-bit device address and write command code “0,” word address (n), and
data (n) are input in this order while confirming acknowledge “0” every 9 bits. The page write mode is established if,
after data (n) is input, the write data (n+1) is input without inputting the stop condition. After this, the write data
equivalent to the largest page size can be received by a continuous process of repeating the receiving of the 8-bit
write data and generating the acknowledge signals.
At the point when the write data (n+1) has been input, the lower 5 bits (A0-A4) of the word addresses are
automatically incremented to form the (n+1) address. In this way, the write data can be successively input, and the
word address on the page is incremented each time the write data is input. If the write data exceeds 32 bytes or the
last address of the page is exceeded, the word address on the page is rolled over. Write data will be input into the
same address two or more times, but in such cases the write data that was input last will take effect. Finally, the
EEPROM internal write operation corresponding to the page size for which the write data is received starts from the
designated memory address when the stop condition is received.
1
0
1
0
S2
S1
S0
R/W
Device Code
Slave
Address
MSB
LSB
LE24LB642CS
Device address word
SDA
Word Address
0
1
0
S1
1
W
ACK
ACK
ACK
**
*
A
11
A
10
A9 A8
D7 D6 D5 D4 D3 D2 D1 D0
Data
R/W
S2
ACK
A7 A6 A5 A4 A3 A2 A1 A0
S0
A
12
*: don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com