Electronic Components Datasheet Search
  English  ▼

X  

AD1878 Datasheet(PDF) 9 Page - Analog Devices

Part # AD1878
Description  High Performance 16-/18-Bit Stereo ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1878 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD1878 Datasheet HTML 5Page - Analog Devices AD1878 Datasheet HTML 6Page - Analog Devices AD1878 Datasheet HTML 7Page - Analog Devices AD1878 Datasheet HTML 8Page - Analog Devices AD1878 Datasheet HTML 9Page - Analog Devices AD1878 Datasheet HTML 10Page - Analog Devices AD1878 Datasheet HTML 11Page - Analog Devices AD1878 Datasheet HTML 12Page - Analog Devices AD1878 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD1878/AD1879
REV. 0
–9–
between each set of input pins (12 to 13, and 17 to 16) to
complete the input bypassing. This input bypassing mini-
mizes the RF transmission and reception capability of the
AD1878/AD1879 inputs.
•
For best performance, do not use a socket with the AD1878/
AD1879. If you must socket the part, use pin clips to keep
the part flush with the board, thus keeping bypassing as
close to the chip as possible.
•
The AD1878/AD1879 should be placed on a split ground
plane as illustrated in Figure 5. The digital ground plane
should be placed under the top end of the package and the
analog ground plane should be placed under the bottom end
of the package as shown in Figure 5. The split should be be-
tween Pins 7 and 8 and between Pins 21 and 22. The
ground planes should be tied together at one spot under-
neath the center of the package. This ground plane tech-
nique also minimizes RF transmission and reception.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
LRCK
BCK
S0
DV
DD
64/32
DGND
NC
AV
SS
1
AV
SS
2
AGND
APD
VINR–
VINR+
REFR
WCK
DATA
CLK
S1
DGND
DV
DD
AV
SS
1
AV
DD
2
AV
DD
1
AGND
VINL–
VINL+
REFL
RESET
DIGITAL GROUND
PLANE
ANALOG GROUND
PLANE
Figure 5. AD1878/AD1879 Recommended Ground Plane
•
Each reference pin (14 and 15) should be bypassed with a
resistor and a capacitor. One end of the resistor should be
placed as close to the package pin as possible, and the trace
to it from the reference pin should be as short and as wide as
possible. Keep this trace away from input pin traces! Cou-
pling between input and reference traces will cause second
harmonic distortion. The resistor is used to reduce the high
frequency coupling into the references from the board.
•
Wherever possible, minimize the capacitive load on digital
outputs of the part. This will reduce the digital spike cur-
rents drawn from the digital supply pins.
How to Extend SNR
A cost-effective method of improving the dynamic range and
SNR of an analog-to-digital conversion system is to use mul-
tiple AD1879 channels in parallel with a common analog input.
(The same technique would work with the AD1878. However,
this would be of little value since using a single AD1879 would
be more effective.) This technique makes use of the fact that the
noise in independent modulator channels is uncorrelated. Thus
every doubling of the number of AD1879 channels used will im-
prove system dynamic range by 3 dB. The digital outputs from
the corresponding decimator channels have to be arithmetically
averaged to obtain the improved results in the correct data for-
mat. A digital processor, either general-purpose or DSP, can
easily perform the averaging operation.
Shown below in Figure 6 is a circuit for obtaining a 3 dB im-
provement in dynamic range by using both channels of a single
AD1879 with a mono input. The minus (–) output from the in-
put buffer is sent to both right and left minus AD1879 inputs;
the plus (+) output from the input buffer is sent to both right
and left plus AD1879 inputs. A stereo implementation would
require using two AD1879s and using the full recommended in-
put structure shown above in Figure 2. Note that a single digital
processor would likely be able to handle the averaging require-
ments for both left and right channels.
PIN
1
0.580
(14.73)
0.485
(12.32)
1
14
15
2
8
0.625
(15.87)
0.600
(15.24)
0.015
(0.381)
0.008
(0.204)
0.195
(4.95)
0.125
(3.18)
0.250
(6.35)
MAX
0.022
(0.558)
0.014
(0.356)
0.100
(2.54)
BSC
0.200
(5.05)
0.125
(3.18)
0.070
(1.77)
MAX
0.060
(1.52)
0.015
(0.38)
0.150
(3.81)
MIN
SEATING
PLANE
1.565
(39.70)
1.380
(35.10)
Figure 6. Increasing Dynamic Range by Using Two
AD1879 Channels
DIGITAL INTERFACE
Modes of Operation
The AD1878/AD1879’s flexible serial output port produces
data in twos-complement, MSB-first format. Output signals are
to TTL/CMOS logic levels. The port is configured by pin selec-
tions. The AD1879 can operate in either master or slave modes.
Each 16-/18-bit output word of a stereo pair can be formatted
within a 32-bit field as right-justified, as I
2S-compatible, or at
user-selected positions. The two 32-bit fields constitute a 64-bit
frame (64-bit mode). The output can also be truncated to 16
bits and formatted in a 16-bit field with two 16-bit fields in a
32-bit frame (32-bit mode).
The various mode options are pin-programmed with the S0
Mode Select Pin (3), the S1 Mode Select Pin (25), and the
64/32 Bit Rate Select Pin (4). The function of these pins is
summarized:
Serial Port Operation Mode
64/32
S0
S1
64-Bit Master Mode—Word Clock Output
1
0
0
64-Bit Master Mode—Word Clock Input
1
1
0
64-Bit Slave Mode
1
1
1
Reserved
1
0
1
32-Bit Master Mode—Word Clock Out HI
0
0
0
32-Bit Master Mode—Word Clock Ignored
0
1
0
32-Bit Slave Mode
0
1
1
Reserved
0
0
1
Serial Port Data Timing Sequences
In the “master modes,” the bit clock (BCK) and left/right clock
(LRCK) are always outputs, generated internally in the AD1878/
AD1879 from the master clock (CLOCK) input. The word
clock (WCK) may either be an internally generated output or a
user-supplied input, depending on the pin-programmed mode
selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com